Electronic Components Datasheet Search
  English  ▼

X  

MP4033GK Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4033GK
Description  108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GK Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4033GK Datasheet HTML 5Page - Monolithic Power Systems MP4033GK Datasheet HTML 6Page - Monolithic Power Systems MP4033GK Datasheet HTML 7Page - Monolithic Power Systems MP4033GK Datasheet HTML 8Page - Monolithic Power Systems MP4033GK Datasheet HTML 9Page - Monolithic Power Systems MP4033GK Datasheet HTML 10Page - Monolithic Power Systems MP4033GK Datasheet HTML 11Page - Monolithic Power Systems MP4033GK Datasheet HTML 12Page - Monolithic Power Systems MP4033GK Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EV4033-K-00B – LOW LINE VOLTAGE, 8W PSR WITH PFC DIMMABLE LED DRIVER
EV4033-K-00B Rev.1.0
www.MonolithicPower.com
9
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance Data
Efficiency, PF and THD
f (Hz)
Vin(V)
Pin(W)
Vo(V)
Io(mA)
Po(W)
Efficiency(%)
PF
THD(%)
60
90
10.24
23.62
353
8.34
81.42
0.985
12.10
100
10.10
23.62
354
8.36
82.79
0.978
13.70
110
10.00
23.62
355
8.39
83.85
0.970
14.60
120
9.98
23.62
356
8.41
84.26
0.960
16.00
132
9.96
23.62
357
8.43
84.66
0.945
17.50
Dimming Compatibility (No Flicker with these 32 different Dimmers)
Manufacturer
Part No.
Power Stage
Imax(mA)
Imin(mA)
Dimming ratio
LUTRON
Q-600P-IV
600W
357
22
6.16%
LUTRON
CN-600P
600W
357
11
3.08%
LUTRON
AY-600P
600W
356
17
4.78%
LUTRON
SLV-600P
600W
356
13
3.65%
LUTRON
LG-600P
600W
356
9
2.53%
LUTRON
6B38-Q-600P
600W
355
19
5.35%
LUTRON
GL-600H-DK
600W
358
5
1.40%
LEVITON
1G40O5
600W
358
0
0.00%
LEVITON
1I20O5
600W
357
0
0.00%
LUTRON
GLV02-F06392
600W
358
0
0.00%
LEVITON
6633-P
600W
357
0
0.00%
LUTRON
6B38-S-600P
600W
358
3
0.84%
LUTRON
CT-600P
600W
354
4
1.13%
LUTRON
6B38-S-603PG
600W
297
5
1.68%
LUTRON
6B38-DV-600P
600W
354
4
1.13%
LUTRON
DVCL-153P
600W
357
42
11.76%
LUTRON
6B38-DVLV-600P
600W
354
13
3.67%
LEVITON
1L10O5
600W
357
0
0.00%
LUTRON
GLS01-C06570
600W
302
0
0.00%
LUTRON
DV-600P-BR
600W
354
7
1.98%
LEVITON
6613-PL
600W
357
0
0.00%
LEVITON
C20-6684-IW
600W
356
0
0.00%
LUTRON
AY-600P-LA
600W
355
27
7.61%
LUTRON
TG-600PH-WH
600W
354
21
5.93%
LUTRON
TG-603GH-WH
600W
261
18
6.90%
LUTRON
S-600
600W
357
6
1.68%
LUTRON
DVPDC-203P-WH
200W
357
63
17.65%
LUTRON
S-600P
600W
357
3
0.84%
LUTRON
6B38-DV-603PG
600W
284
12
4.23%
LUTRON
DNG-603PH-WH
400W
357
0
0.00%
COOPER
6B28
600W
357
0
0.00%
LEVITON
6633-P-1G10O5
600W
357
2
0.56%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com