Electronic Components Datasheet Search
  English  ▼

X  

MP4033GK Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4033GK
Description  108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GK Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4033GK Datasheet HTML 2Page - Monolithic Power Systems MP4033GK Datasheet HTML 3Page - Monolithic Power Systems MP4033GK Datasheet HTML 4Page - Monolithic Power Systems MP4033GK Datasheet HTML 5Page - Monolithic Power Systems MP4033GK Datasheet HTML 6Page - Monolithic Power Systems MP4033GK Datasheet HTML 7Page - Monolithic Power Systems MP4033GK Datasheet HTML 8Page - Monolithic Power Systems MP4033GK Datasheet HTML 9Page - Monolithic Power Systems MP4033GK Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EV4033-K-00B – LOW LINE VOLTAGE, 8W PSR WITH PFC DIMMABLE LED DRIVER
EV4033-K-00B Rev.1.0
www.MonolithicPower.com
6
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV4033-K-00B BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Manufactuer_P/N
1
R19
1.5Ω
Film RES, 1%
1206
Royalohm
1206F150KT5E
1
R20
300mΩ
Film RES, 1%
1206
Yageo
RL1206FR-070R3L
1
RV1
TVR10241KSY
240V/2500A
DIP
TKS
TVR10241KSY
1
T1
RM6
RM6, Lp=1.42mH
Np:Ns:Naux=84:24:22,
RM6
Emei
FX0368
1
U1
MP4033GK
MP4033GK
MSOP10
MPS
MP4033GK R2
1
R8
510Ω
DIP,2W RESISTOR
DIP
any
510Ω/2W
1
Q2
SSN1N45BTA
N-Channel
Mosfet450V;4250/10V;
8.5
TO-92
Fairchild
SSN1N45BTA
1
C8
10nF/50V
Ceramic Cap,X7R,50V
0603
muRata
GRM188R71H103KA01D
1
C9
22uF/50V
Electrolytic
Capacitor;50V;Electrol
ytic
DIP
Jianghai
CD281L-50V22
1
D2
1N4148WS
Diode;75V;0.15A;
SOD-
323
Diodes
1N4148WS-7-F
1
D7
BAV21W
Diode;200V;0.2A;
SOD-
123
Diodes
BAV21W-7-F
1
D8
BZT52C4V7S
Zener Diode, 4.7V,
5mA
SOD-
323
Diodes
BZT52C4V7S
1
D4
BZT52C2V4S
Zener Diode, 2.4V,
5mA
SOD-
323
Diodes
BZT52C2V4S
1
Q1
AM2340NE
N-channel MOSFET,
40V,5.2A
SOT23
Analog Power
AM2340NE
1
R4
10kΩ
Film RES;1%
0603
Yageo
RC0603FR-0710KL
1
R9
30kΩ
Film RES;1%
0603
Yageo
RC0603FR-0730KL
1
R11
20kΩ
Film RES;1%
0603
Yageo
RC0603FR-0720KL
1
R14
2kΩ
Film RES;1%
1206
Yageo
RC1206FR-072KL
Note:
1. The components in red compose the damping circuit, which is used to reduce the inrush current
with leading edge dimmer. It is optional.
2. The components in blue compose the ripple suppressor. It is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com