Electronic Components Datasheet Search
  English  ▼

X  

THCV220 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV220
Description  V-by-One HS High-speed video data transmitter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV220 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV220 Datasheet HTML 1Page - THine Electronics, Inc. THCV220 Datasheet HTML 2Page - THine Electronics, Inc. THCV220 Datasheet HTML 3Page - THine Electronics, Inc. THCV220 Datasheet HTML 4Page - THine Electronics, Inc. THCV220 Datasheet HTML 5Page - THine Electronics, Inc. THCV220 Datasheet HTML 6Page - THine Electronics, Inc. THCV220 Datasheet HTML 7Page - THine Electronics, Inc. THCV220 Datasheet HTML 8Page - THine Electronics, Inc. THCV220 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
THCV219_Rev.2.30_E
Copyright©2017 THine Electronics, Inc.
THine Electronics, Inc.
Security E
1/17
THCV219
V-by-One® HS High-speed video data transmitter
General Description
THCV219 is designed to support video data
transmission between the host and display.
One high-speed lane can carry up to 32bit data and
3 bits of synchronizing signals at a pixel clock
frequency from 7.5MHz to 75MHz.
It has one high-speed data lane and, maximum
serial data rate is 3.0Gbps/lane.
Width
Link
TTL Clock Freq.
24bit
Si/So
10MHz to 100MHz
32bit
Si/So
7.5MHz to 75MHz
Si/So : Single-in/Single-out,
Features
Color depth selectable: 24(8*3)/32(10*3)bit
Single Link
AC coupling for high speed lines
Wide Range Supply Voltage 2.3~3.6V
Package: 64 pin QFN
Wide frequency range
Spread Spectrum Clocking tolerant
Up to 30kHz/0.5% (center spread)
V-by-One® HS standard Version1.4 compliant
AEC-Q100 ESD Protection
Block Diagram
R9-R0
G9-G0
B9-B0
CONT2,CONT1
HSYNC
VSYNC
DE
ASYNDE
CLKIN
COL
LFSEL
BET
PDN
RF
CMLDRV
PRE
Controls
HTPDN
LOCKN
TXp
TXn
THCV219
LDO
AVCC
CAPOUT
CAPINA
CAPINP
VCC


Similar Part No. - THCV220

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV220 THINE-THCV220 Datasheet
161Kb / 2P
THCV220 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
THCV220 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220_17 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
More results

Similar Description - THCV220

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV233 THINE-THCV233 Datasheet
219Kb / 2P
THCV233 is V-by-One짰 HS High-speed video data ansmitter with bi-directional transceiver.
THCV234 THINE-THCV234 Datasheet
225Kb / 2P
THCV234 is V-by-One짰 HS High-speed video data receiver with bi-directional transceiver.
THCV215 THINE-THCV215_16 Datasheet
492Kb / 26P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV217 THINE-THCV217_16 Datasheet
604Kb / 35P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_16 Datasheet
385Kb / 18P
V-by-One HS High-speed Video Data Transmitter
THCV233 THINE-THCV233_16 Datasheet
586Kb / 34P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV217 THINE-THCV217_17 Datasheet
529Kb / 34P
by-One HS High-speed Video Data Transmitter and Receiver
THCV220 THINE-THCV220_17 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
THCV226 THINE-THCV226 Datasheet
595Kb / 26P
V-by-One HS High-speed Video Data Receiver
THCV233 THINE-THCV233_18 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com