Electronic Components Datasheet Search
  English  ▼

X  

THCV220 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THCV220
Description  V-by-One HS High-speed video data transmitter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV220 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THCV220 Datasheet HTML 1Page - THine Electronics, Inc. THCV220 Datasheet HTML 2Page - THine Electronics, Inc. THCV220 Datasheet HTML 3Page - THine Electronics, Inc. THCV220 Datasheet HTML 4Page - THine Electronics, Inc. THCV220 Datasheet HTML 5Page - THine Electronics, Inc. THCV220 Datasheet HTML 6Page - THine Electronics, Inc. THCV220 Datasheet HTML 7Page - THine Electronics, Inc. THCV220 Datasheet HTML 8Page - THine Electronics, Inc. THCV220 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
THCV219_Rev.2.30_E
Copyright©2017 THine Electronics, Inc.
THine Electronics, Inc.
Security E
4/17
Pin Description
Pin Name
Pin #
type* Description
R9-R0
9,8,7,6,4,
3,31,30,39,38
I3
pixel data inputs
G9-G0
17,16,15,13,12,
11,33,32,41,40
I3
pixel data inputs
B9-B0
25,23,22,21,20,
18,36,34,43,42
I3
pixel data inputs
CONT1,2
37,46
I3
User defined data inputs. Active only in 32bit mode.
DE
28
I3
DE input
VSYNC
27
I3
Vsync input
HSYNC
26
I3
Hsync input
CLKIN
45
I3
Pixel clock input
TXN/P
58,57
CO
High-speed CML signal output.
LOCKN
60
I3L
Lock detect input.
Must be connected to Rx LOCKN with a 10kΩ pull-up resistor.
HTPDN
61
I3L
Hot plug detect input.
Must be connected to Rx HTPDN with a 10kΩ pull-up resistor.
PDN
47
I3L
Power down input.
H: Normal operation L: Power down
PRE
50
I3
Pre-Emphasis level select input.
H : Pre-Emphasis Enable L : Pre-Emphasis Disable
CMLDRV
64
I3
CML Outputs drive strength select input.
H : Normal drive strength L : Weak drive strength
COL**
63
I3
Data width setting.
H : 24bit L : 32bit
LFSEL**
49
I3
Frequency range setting.
H: Low frequency operation L: Normal Operation
ASYNDE
1
I3
Asynchronous DE input.
H: Normal operation (ASYNDE function disable)
L: DE input invert operation (ASYNDE function enable)
RF
2
I3
Input clock triggering edge select input for latching input data
H: Rising edge L: Falling edge
BET
62
I3
Field-BET entry.
H : Field BET Operation L : Normal Operation
TEST1
48
-
Test pin, must be “L” for normal operation.
TEST2
52
-
Test pin, must be “L” for normal operation.
CAPOUT
53
-
Decoupling capacitor pins.
This pin should be connected to external decoupling capacitors.
Recommended Capacitance is 2.2uF
CAPINP
54
-
Reference Input for PLL circuit.Must be tied CAPOUT.
CAPINA
55
-
Reference Input for Analog circuit.Must be tied CAPOUT.
VCC
5,14,19,29,
35,44
PS
Digital Power supply Pins
AVCC
51
PS
Analog Power supply Pin
GND
10,24,56,59
PS
Ground Pins
EXPGND
65
PS
Exposed Pad Ground
*type symbol
I3=3.3v CMOS input, I3L=Low Speed 3.3v CMOS input
CO=CML output, PS=Power Supply
**COL, LFSEL pin
COL pin and/or LFSEL pin level shall not be changed during operation. If ether pin level is changed during operation,
PDN shall be toggled (H-> L -> H) after the change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com