Electronic Components Datasheet Search
  English  ▼

X  

THCV220 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THCV220
Description  V-by-One HS High-speed video data transmitter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV220 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THCV220 Datasheet HTML 1Page - THine Electronics, Inc. THCV220 Datasheet HTML 2Page - THine Electronics, Inc. THCV220 Datasheet HTML 3Page - THine Electronics, Inc. THCV220 Datasheet HTML 4Page - THine Electronics, Inc. THCV220 Datasheet HTML 5Page - THine Electronics, Inc. THCV220 Datasheet HTML 6Page - THine Electronics, Inc. THCV220 Datasheet HTML 7Page - THine Electronics, Inc. THCV220 Datasheet HTML 8Page - THine Electronics, Inc. THCV220 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
THCV219_Rev.2.30_E
Copyright©2017 THine Electronics, Inc.
THine Electronics, Inc.
Security E
5/17
Functional Description
Functional Overview
With V-by-One
®
HS proprietary encoding scheme and CDR (Clock and Data Recovery) architecture,
THCV219 enables transmission of 8/10 bit RGB, 2bits of user-defined data (CONT), synchronizing signals
HSYNC, VSYNC, and DE by a pair cable with minimal external components.
THCV219 inputs CMOS/TTL data (including video data, CONT, HSYNC, VSYNC, and DE) and serializes
video data and synchronizing signals separately, depending on the polarity of DE. DE is a signal which indicates
whether video or synchronizing data are active. When DE is high, it serializes video data inputs into differential
data streams. And it transmits serialized synchronizing data when DE is low.
THCV219 can operate for a wide range of a serial bit rate from 600Mbps to 3.0Gbps.
It does not need any external frequency reference, such as a crystal oscillator.
Internal Reference Output/Input Function (CAPOUT,CAPINA,CAPINP)
An internal regulator produces the 1.2V (CAPOUT). This 1.2V linear regulator can not supply any other
external loads. Bypass CAPOUT to GND with 2.2uF.
CAPINP supplies reference voltage for internal PLL, and CAPINA supplies reference voltage for any internal
analog circuit. Bypass CAPINP/CAPINA to GND with 0.1uF to remove high frequency noise. CAPOUT,
CAPINA and CAPINP must be tied together.
Analog power supply AVCC is supposed to be stabilized with de-coupling capacitor and series noise filter (for
example, ferrite bead).
Figure 1. Connection of CAPOUT, CAPINA, CAPINP and Decoupling Capacitor
CAPOUT
CAPINA
CAPINP
THCV219
2.2uF
0.1uF
0.1uF
AVCC
Power
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com