Electronic Components Datasheet Search
  English  ▼

X  

THCV233 Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed video data transmitter and receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THCV233 Datasheet HTML 3Page - THine Electronics, Inc. THCV233 Datasheet HTML 4Page - THine Electronics, Inc. THCV233 Datasheet HTML 5Page - THine Electronics, Inc. THCV233 Datasheet HTML 6Page - THine Electronics, Inc. THCV233 Datasheet HTML 7Page - THine Electronics, Inc. THCV233 Datasheet HTML 8Page - THine Electronics, Inc. THCV233 Datasheet HTML 9Page - THine Electronics, Inc. THCV233 Datasheet HTML 10Page - THine Electronics, Inc. THCV233 Datasheet HTML 11Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
THCV233-THCV234_Rev.3.10_E
Copyright©2018 THine Electronics, Inc.
THine Electronics, Inc.
Security E
7/34
6. Operation Mode
Table 4
(0°C≤TMP≤70°C)
THCV233
THCV234
Single-In/Single-Out
3.4G
32bit
@85MHz
LVDS
MODE[1:0]=LH
Single-In/Single-Out
3.4G
32bit
@85MHz
LVDS
MODE[1:0]=HH
Single-In/Dual-Out
1.7G
32bit
@85MHz
LVDS
1.7G
MODE[1:0]=HL
Dual-In/Single-Out
1.7G
32bit
@85MHz
LVDS
1.7G
MODE[1:0]=LH
Single-In/Single-Out * 2
3.4G
32bit
@85MHz
LVDS
3.4G
32bit
@85MHz
LVDS
MODE[1:0]=LH
Dual-In/Selected Single-Out
3.4G
32bit
@85MHz
LVDS
3.4G
MODE[1:0]=LL / HL
Single-In/Distributed Dual-Out
3.4G
32bit
@85MHz
LVDS
3.4G
MODE[1:0]=LL
Single-In/Single-Out * 2
3.4G
32bit
@85MHz
LVDS
3.4G
32bit
@85MHz
LVDS
MODE[1:0]=HH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com