Electronic Components Datasheet Search
  English  ▼

X  

THCV233 Datasheet(PDF) 9 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed video data transmitter and receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 9 Page - THine Electronics, Inc.

Back Button THCV233 Datasheet HTML 5Page - THine Electronics, Inc. THCV233 Datasheet HTML 6Page - THine Electronics, Inc. THCV233 Datasheet HTML 7Page - THine Electronics, Inc. THCV233 Datasheet HTML 8Page - THine Electronics, Inc. THCV233 Datasheet HTML 9Page - THine Electronics, Inc. THCV233 Datasheet HTML 10Page - THine Electronics, Inc. THCV233 Datasheet HTML 11Page - THine Electronics, Inc. THCV233 Datasheet HTML 12Page - THine Electronics, Inc. THCV233 Datasheet HTML 13Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
THCV233-THCV234_Rev.3.10_E
Copyright©2018 THine Electronics, Inc.
THine Electronics, Inc.
Security E
9/34
DE signal (TLC[6] / DEIN) Input Requirement
There are some requirements for DE signal as described in Figure 3, Figure 4 Figure 14 and Table 24.
If DE=Low, control data of same cycle and particular assigned data bit ‘CTL’ except the first and the last pixel are
transmitted. Otherwise video data are transmitted during DE=High.
Control data from receiver in DE=High period are previous data of DE transition. See Figure 4.
The length of DE being low and high is at least 2 clock cycles long, as described in Figure 14 and Table 24.
Data Enable must be toggled like High -> Low -> High at regular interval.
Data bit : R/G/B, CONT
Control bit : V,HSYNC
Data bit : CTL*
H
L
DE
THCV234
THCV233
R/G/B,
CONT,
CTL
V,
HSYNC
DE=H R/G/B,CONT
DE=L, CTL* except the 1st and the last pixel
other R/G/B,CONT=Low Fixed
DE=H, V,HSYNC=Fixed
DE=L, V,HSYNC
DE
*CTL are particular assigned bit among R/G/B, CONT that can carry arbitrary data during DE=Low period.
Figure 3 Conceptual diagram of the basic operation of the chipset
Figure 4 Data bit and control bit transmission when DE is from LVDS (default)
TLCLK +/-
6
5
4
3
2
1
0
D
E
V
H
3
2
1
0
TLn +/-
n=A,B,D,E
TLC +/-
6
5
4
3
2
1
0
D
E
V
H
3
2
1
0
6
5
4
3
2
1
0
D
E
V
H
3
2
1
0
6
5
4
3
2
1
0
D
E
V
H
3
2
1
0
6
5
4
3
2
1
0
D
E
V
H
3
2
1
0
6
5
4
3
2
1
0
D
E
V
H
3
2
1
0
DE=High
Active period
DE=Low
Blanking period
Data : Low fixed
H, V : Keep the last data of blanking period
THCV233
input
THCV234
output
DE input via LVDS
Data : Particular assigned bit ‘CTL’ is transmitted except the
first and the last pixel of Blanking period. / Others are Low fixed.
RLCLK +/-
6
5
4
3
2
1
0
H V H 3 2 1 0
RLn +/-
n=A,B,D,E
RLC +/-
6
5
4
3
2
1
0
L V H 3 2 1 0
6
5
4
3
2
1
0
L V H 3 2 1 0
6
5
4
3
2
1
0
L V H 3 2 1 0
6
5
4
3
2
1
0
H V H 3 2 1 0
6
5
4
3
2
1
0
H V H 3 2 1 0
Indefinite region
Indefinite region
DEOUT
(CMOS)
±3/7tTCIP
±3/7tTCIP
tRALN
tRALN
Indefinite region
Typ;5tTCIP/7
Typ;5tTCIP/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com