Electronic Components Datasheet Search
  English  ▼

X  

THCV233 Datasheet(PDF) 22 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed video data transmitter and receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 22 Page - THine Electronics, Inc.

Back Button THCV233 Datasheet HTML 18Page - THine Electronics, Inc. THCV233 Datasheet HTML 19Page - THine Electronics, Inc. THCV233 Datasheet HTML 20Page - THine Electronics, Inc. THCV233 Datasheet HTML 21Page - THine Electronics, Inc. THCV233 Datasheet HTML 22Page - THine Electronics, Inc. THCV233 Datasheet HTML 23Page - THine Electronics, Inc. THCV233 Datasheet HTML 24Page - THine Electronics, Inc. THCV233 Datasheet HTML 25Page - THine Electronics, Inc. THCV233 Datasheet HTML 26Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
THCV233-THCV234_Rev.3.10_E
Copyright©2018 THine Electronics, Inc.
THine Electronics, Inc.
Security E
22/34
Supply Currents
Table 22 THCV233 Supply Currents
Table 23 THCV234 Supply Currents
Vdiff = (TLCLK +) - (TLCLK -)
tTCIP
Vdiff = 0V
next cycle
current cycle
previous cycle
TLA +/-
TLB +/-
TLC +/-
TLD +/-
TLE +/-
Control bit
Data Enable
H
H
Figure 12 Worst Case Pattern
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
SiSo 10bit, PRE=H
PDN=H
-
-
150
mA
SiDo 10bit, PRE=H
PDN=H
-
-
185
mA
SiDDo 10bit, PRE=H
PDN=H
-
-
225
mA
SiSo 10bit, PRE=H
PDN=H
-
-
12
mA
SiDo 10bit, PRE=H
PDN=H
-
-
12
mA
SiDDo 10bit, PRE=H
PDN=H
-
-
12
mA
ITCCS
Transmitter Power Down
Supply Current
PDN=L
All Inputs =Fixed LorH
-
-
170
uA
ITCCW_M
Transmitter Supply Current for VDL
(Worst Case Pattern as shown in Figure 12)
ITCCW33_M
Transmitter Supply Current for VDH
(Worst Case Pattern as shown in Figure 12)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
SiSo 10bit, PDN=H
-
-
90
mA
DiSo 10bit,
PDN=H
-
-
90
mA
DiSSo 10bit, PDN=H
-
-
90
mA
SiSo 10bit, P PDN=H
-
-
90
mA
DiSo 10bit,
PDN=H
-
-
90
mA
DiSSo 10bit, PDN=H
-
-
90
mA
IRCCS
Receiver Power Down
Supply Current
PDN=L
All Inputs =Fixed LorH
-
-
150
uA
Receiver Supply Current for VDL
(Worst Case Pattern as shown in Figure 12)
Receiver Supply Current for VDH
(Worst Case Pattern as shown in Figure 12)
IRCCW33_M
IRCCW_M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com