Electronic Components Datasheet Search
  English  ▼

X  

COP680C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP680C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP680C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP680C Datasheet HTML 1Page - National Semiconductor (TI) COP680C Datasheet HTML 2Page - National Semiconductor (TI) COP680C Datasheet HTML 3Page - National Semiconductor (TI) COP680C Datasheet HTML 4Page - National Semiconductor (TI) COP680C Datasheet HTML 5Page - National Semiconductor (TI) COP680C Datasheet HTML 6Page - National Semiconductor (TI) COP680C Datasheet HTML 7Page - National Semiconductor (TI) COP680C Datasheet HTML 8Page - National Semiconductor (TI) COP680C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
COP980CCOP981CCOP982C
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)7V
Voltage at any Pin
b
03V to VCC a 03V
Total Current into VCC Pin (Source)
50 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
b
65 Cto a140 C
Note Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics COP98xC 0 C s TA s a70 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
98XC
23
40
V
98XCH
40
60
V
Power Supply Ripple (Note 1)
Peak to Peak
01 VCC
V
Supply Current
CKI e 10 MHz
VCC e 6V tc e 1 ms
60
mA
CKI e 4 MHz
VCC e 6V tc e 25 ms
44
mA
CKI e 4 MHz
VCC e 40V tc e 25 ms
22
mA
CKI e 1 MHz
VCC e 40V tc e 10 ms
14
mA
(Note 2)
HALT Current
VCC e 6V CKI e 0 MHz
k
07
8
m
A
(Note 3)
VCC e 40V CKI e 0 MHz
k
04
5
m
A
Input Levels
RESET CKI
Logic High
09 VCC
V
Logic Low
01 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input Leakage
VCC e 60V
b
10
a
10
m
A
Input Pullup Current
VCC e 60V VIN e 0V
b
40
b
250
m
A
G Port Input Hysteresis
035 VCC
V
Output Current Levels
D Outputs
Source
VCC e 45V VOH e 38V
b
04
mA
VCC e 23V VOH e 16V
b
02
mA
Sink
VCC e 45V VOL e 10V
10
mA
VCC e 23V VOL e 04V
2
mA
All Others
Source (Weak Pull-Up)
VCC e 45V VOH e 32V
b
10
b
110
m
A
VCC e 23V VOH e 16V
b
25
b
33
m
A
Source (Push-Pull Mode)
VCC e 45V VOH e 38V
b
04
mA
VCC e 23V VOH e 16V
b
02
Sink (Push-Pull Mode)
VCC e 45V VOL e 04V
16
mA
VCC e 23V VOL e 04V
07
TRI-STATE Leakage
VCC e 60V
b
10
a
10
m
A
Allowable SinkSource
Current Per Pin
D Outputs (Sink)
15
mA
All Others
3mA
Maximum Input Current (Note 4)
Without Latchup (Room Temp)
Room Temp
g
100
mA
RAM Retention Voltage Vr
500 ns Rise and
(Note 5)
Fall Time (Min)
20
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com