Electronic Components Datasheet Search
  English  ▼

X  

COP680C Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP680C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP680C Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP680C Datasheet HTML 11Page - National Semiconductor (TI) COP680C Datasheet HTML 12Page - National Semiconductor (TI) COP680C Datasheet HTML 13Page - National Semiconductor (TI) COP680C Datasheet HTML 14Page - National Semiconductor (TI) COP680C Datasheet HTML 15Page - National Semiconductor (TI) COP680C Datasheet HTML 16Page - National Semiconductor (TI) COP680C Datasheet HTML 17Page - National Semiconductor (TI) COP680C Datasheet HTML 18Page - National Semiconductor (TI) COP680C Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Functional Description (Continued)
TABLE IV
G4
G5
G4
G5
G6
Config
Config
Fun
Fun
Fun
Operation
Bit
Bit
1
1
SO
Int SK
SI
MICROWIRE Master
0
1
TRI-STATE Int SK
SI
MICROWIRE Master
1
0
SO
Ext SK
SI
MICROWIRE Slave
0
0
TRI-STATE Ext SK
SI
MICROWIRE Slave
TIMERCOUNTER
The device has a powerful 16-bit timer with an associated
16-bit register enabling them to perform extensive timer
functions The timer T1 and its register R1 are each orga-
nized as two 8-bit readwrite registers Control bits in the
register CNTRL allow the timer to be started and stopped
under software control The timer-register pair can be oper-
ated in one of three possible modes Table V details various
timer operating modes and their requisite control settings
TLDD10802 – 9
FIGURE 7 MICROWIREPLUS Block Diagram
MODE 1 TIMER WITH AUTO-LOAD REGISTER
In this mode of operation the timer T1 counts down at the
instruction cycle rate Upon underflow the value in the regis-
ter R1 gets automatically reloaded into the timer which con-
tinues to count down The timer underflow can be pro-
grammed to interrupt the microcontroller A bit in the control
register CNTRL enables the TIO (G3) pin to toggle upon
timer underflows This allow the generation of square-wave
outputs or pulse width modulated outputs under software
control (See
Figure 9 )
MODE 2 EXTERNAL COUNTER
In this mode the timer T1 becomes a 16-bit external event
counter The counter counts down upon an edge on the TIO
pin Control bits in the register CNTRL program the counter
to decrement either on a positive edge or on a negative
edge Upon underflow the contents of the register R1 are
automatically copied into the counter The underflow can
also be programmed to generate an interrupt (See
Figure 9 )
MODE 3 TIMER WITH CAPTURE REGISTER
Timer T1 can be used to precisely measure external fre-
quencies or events in this mode of operation The timer T1
counts down at the instruction cycle rate Upon the occur-
rence of a specified edge on the TIO pin the contents of the
timer T1 are copied into the register R1 Bits in the control
register CNTRL allow the trigger edge to be specified either
as a positive edge or as a negative edge In this mode the
user can elect to be interrupted on the specified trigger
edge (See
Figure 10 )
TLDD10802 – 10
FIGURE 8 MICROWIREPLUS Application
http
www nationalcom
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com