Electronic Components Datasheet Search
  English  ▼

X  

COP680C Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP680C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP680C Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP680C Datasheet HTML 7Page - National Semiconductor (TI) COP680C Datasheet HTML 8Page - National Semiconductor (TI) COP680C Datasheet HTML 9Page - National Semiconductor (TI) COP680C Datasheet HTML 10Page - National Semiconductor (TI) COP680C Datasheet HTML 11Page - National Semiconductor (TI) COP680C Datasheet HTML 12Page - National Semiconductor (TI) COP680C Datasheet HTML 13Page - National Semiconductor (TI) COP680C Datasheet HTML 14Page - National Semiconductor (TI) COP680C Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Pin Descriptions
VCC and GND are the power supply pins
CKI is the clock input This can come from an external
source a RC generated oscillator or a crystal (in conjunc-
tion with CKO) See Oscillator description
RESET is the master reset input See Reset description
PORT I is an 8-bit Hi-Z input port The 28-pin device does
not have a full complement of Port I pins The unavailable
pins are not terminated ie they are floating A read opera-
tion for these unterminated pins will return unpredictable
values The user must ensure that the software takes this
into account by either masking or restricting the accesses to
bit operations The unterminated Port I pins will draw power
only when addressed
PORT L is an 8-bit IO port
PORT C is a 4-bit IO port
Three memory locations are allocated for the L G and C
ports one each for data register configuration register and
the input pins Reading bits 4 – 7 of the C-Configuration reg-
ister data register and input pins returns undefined data
There are two registers associated with the L and C ports a
data register and a configuration register Therefore each L
and C IO bit can be individually configured under software
control as shown below
Config
Data
Ports L and C Setup
0
0
Hi-Z Input (TRI-STATE Output)
0
1
Input with Pull-Up (Weak One Output)
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
On the 28-pin part it is recommended that all bits of Port C
be configured as outputs
PORT G is an 8-bit port with 6 IO pins (G0 – G5) and 2 input
pins (G6 G7) All eight G-pins have Schmitt Triggers on the
inputs
There are two registers associated with the G port a data
register and a configuration register Therefore each G port
bit can be individually configured under software control as
shown below
Config
Data
Port G Setup
0
0
Hi-Z Input (TRI-STATE Output)
0
1
Input with Pull-Up (Weak One Output)
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Since G6 and G7 are input only pins any attempt by the
user to configure them as outputs by writing a one to the
configuration register will be disregarded Reading the G6
and G7 configuration bits will return zeros The device will
be placed in the HALT mode by writing to the G7 bit in the
G-port data register
Six pins of Port G have alternate features
G0 INTR (an external interrupt)
G3 TIO (timercounter inputoutput)
G4 SO (MICROWIRE serial data output)
G5 SK (MICROWIRE clock IO)
G6 SI (MICROWIRE serial data input)
G7 CKO crystal oscillator output (selected by mask option)
or HALT restart input (general purpose input)
Pins G1 and G2 currently do not have any alternate func-
tions
PORT D is an 8-bit output port that is preset high when
RESET goes low Care must be exercised with the D2 pin
operation At RESET the external loads on this pin must
ensure that the output voltages stay above 09 VCC to pre-
vent the chip from entering special modes Also keep the
external loading on D2 to less than 1000 pF
Functional Description
Figure 1 shows the block diagram of the internal architec-
ture Data paths are illustrated in simplified form to depict
how the various logic elements communicate with each oth-
er in implementing the instruction set of the device
ALU AND CPU REGISTERS
The ALU can do an 8-bit addition subtraction logical or
shift operation in one cycle time
There are five CPU registers
A is the 8-bit Accumulator register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B is the 8-bit address register can be auto incremented or
decremented
X is the 8-bit alternate address register can be incremented
or decremented
SP is the 8-bit stack pointer points to subroutine stack (in
RAM)
B X and SP registers are mapped into the on chip RAM
The B and X registers are used to address the on chip RAM
The SP register is used to address the stack in RAM during
subroutine calls and returns
PROGRAM MEMORY
Program memory consists of 4096 bytes of ROM These
bytes may hold program instructions or constant data The
program memory is addressed by the 15-bit program coun-
ter (PC) ROM can be indirectly read by the LAID instruction
for table lookup
DATA MEMORY
The data memory address space includes on chip RAM IO
and registers Data memory is addressed directly by the in-
struction or indirectly by the B X and SP registers
The device has 128 bytes of RAM Sixteen bytes of RAM
are mapped as ‘‘registers’’ that can be loaded immediately
decremented or tested Three specific registers B X and
SP are mapped into this space the other bytes are available
for general usage
The instruction set permits any bit in memory to be set
reset or tested All IO and registers (except the A
PC) are
memory mapped therefore IO bits and register bits can be
directly and individually set reset and tested A is not mem-
ory mapped but bit operations can be still performed on it
Note
RAM contents are undefined upon power-up
RESET
The RESET input when pulled low initializes the microcon-
troller Initialization will occur whenever the RESET input is
pulled low Upon initialization the ports L G and C are
placed in the TRI-STATE mode and the Port D is set high
The PC PSW and CNTRL registers are cleared The data
and configuration registers for Ports L G and C are cleared
The external RC network shown in Figure 4 should be used
to ensure that the RESET pin is held low until the power
supply to the chip stabilizes
http
www nationalcom
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com