Electronic Components Datasheet Search
  English  ▼

X  

CM431ABCN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM431ABCN
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431ABCN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM431ABCN Datasheet HTML 1Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 2Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2004/08/27
Champion Microelectronic Corporation
Page 2
TYPICAL APPLICATION
BLOCK DIAGRAM
5V Precision Regulator
+
-
VO = 5V
V+
CATHODE
Rb
R1
27.5K
0.1%
REF
Note: Rb should
provide cathode
current
≥ 1mA
R2
27.5K
0.1%
VREF
ANODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com