Electronic Components Datasheet Search
  English  ▼

X  

CM431ABCN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM431ABCN
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431ABCN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM431ABCN Datasheet HTML 1Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 2Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2004/08/27
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
PACKAGE
TOLERANCE
0.5%
1.0%
1.5%
T/R Quantity
SOT-23-3
(
1)
CM431AACM233
CM431ABCM233
CM431AECM233
TR=3K
SOT-23-3
(
1)
CM431AACM2R3
CM431ABCM2R3
CM431AECM2R3
TR=3K
SOT-23-5
(
1)
CM431AACM235
CM431ABCM235
CM431AECM235
TR=3K
SOT-89
(
1)
CM431AACM89
CM431ABCM89
CM431AECM89
TR=1K
TO-92
(
2)
CM431AACN
CM431ABCN
CM431AECN
TA=2K
SOP-8
CM431AACS
CM431ABCS
CM431AECS
SOT-23-3
(
1)
CM431AGACM233*
CM431AGBCM233*
CM431AGECM233*
TR=3K
SOT-23-3
(
1)
CM431AGACM2R3*
CM431AGBCM2R3*
CM431AGECM2R3*
TR=3K
SOT-23-5
(
1)
CM431AGACM235*
CM431AGBCM235*
CM431AGECM235*
TR=3K
SOT-89
(
1)
CM431AGACM89*
CM431AGBCM89*
CM431AGECM89*
TR=1K
TO-92
(
2)
CM431AGACN*
CM431AGBCN*
CM431AGECN*
TA=2K
SOP-8
CM431AGACS*
CM431AGBCS*
CM431AGECS*
Notes:
(1) Add suffix
″TR″for Tape & Reel.
(2) Add suffix
″TA″for Tape Ammo.
(3)
*Note: Add suffix “G” for Pb Free Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com