Electronic Components Datasheet Search
  English  ▼

X  

CM431ABCN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM431ABCN
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431ABCN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM431ABCN Datasheet HTML 1Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 2Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431ABCN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2004/08/27
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
Initial voltage reference accuracy of 1.0%.
Sink current capability from 1mA to 100mA
Typical output dynamic impedance less than 200m
Ω;
Adjustable output voltage from VREF to 18V
Available in SOT-23, SOT-89, TO-92, & SOP-8
Low output noise
Typical equivalent full range temperature coefficient of
30ppm/
OC
APPLICATIONS
The CM431A is a three-terminal adjustable shunt voltage
regulator with specified thermal stability and pin-to-pin compatible
with the earlier 431 series. The output voltage can be adjusted to
any value between VREF and 18V by using two external resistors.
The CM431A offers low output impedance for improved load
regulation with a typical output impedance of 200m
Ω. Because
of the active output circuitry, the CM431A can replace the zener
diodes in applications such as switching power supplies, OVP
crowbar circuits, references for A/D, D/A converters with
improved turn-on characteristics.
Voltage Reference
Precision shunt regulator
High current shunt regulator
PWM down converter with reference
Voltage monitor
PIN CONFIGURATION
TO-92
Front View
1
2
3
SOT-23-3
Top View
1
3
2
SOT-23-5
Top View
1
5
3
2
4
SOT-89
Top View
1
2
3
SOP-8
Top View
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
CM431AXCM233 CM431AXCM2R3
Pin 1
REF
CATHODE
Pin 2
CATHODE
REF
Pin 3
ANODE
ANODE
Suffix “X”: Grade “A”, “B”, “C”, “D”, or “E”


Similar Part No. - CM431ABCN

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM431ABCN CHAMP-CM431ABCN Datasheet
348Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - CM431ABCN

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
Adjustable Low Voltage Shunt Regulator
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431L ETC1-CM431L Datasheet
354Kb / 13P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
432.2005.11.1.3
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com