Electronic Components Datasheet Search
  English  ▼

X  

CM431ABCS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM431ABCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431ABCS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM431ABCS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 9Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 10Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 11Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2004/08/27
Champion Microelectronic Corporation
Page 8
APPLICATION INFORMATION
VO = (1 + R1/R2) × VREF
Note: R should provide 1mA cathode current to the
CM431A of minimum VBATT
Figure 4. Shunt Regulator
Figure 5. Single –Supply Comparator With Temperature
compensated threshold.
VO = (1 + R1/R2) × VREF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
R*
VBATT
VO
VBATT
R1
0.1%
CM431A
VO
CM431A
VREF
Von ≈ 2V
Voff ≈ VBATT
Input
R2
0.1%
Vth = 2.5V
GND
VBATT
VO
VBATT
VO
R1
R1
CM431A
C
R2
CM431A
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com