Electronic Components Datasheet Search
  English  ▼

X  

CM431ABCS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CM431ABCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431ABCS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CM431ABCS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 9Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 10Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 11Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 12Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2004/08/27
Champion Microelectronic Corporation
Page 9
APPLICATION INFORMATION (continued)
Figure 8.Precision 5V, 1.5A Regulator
Figure 9. Precision Constant Current Sink
VO = (1 + R1/R2) × VREF
Min VO = VREF + 5V
Figure 10. Output Control of a Three-Terminal
Fixed Regulator
IOUT = (VREF/RCL) + IKA
R1 = VBATT/((IO/hFE) + IKA)
Figure 11. Precision Current Limiter
VBATT
VO = 5V/1.5A
IO =
VREF/RS
VBATT
LM317
Adjust
8.2K
Ω
243
Ω
0.1%
CM431A
CM431A
RS
0.1%
243
Ω
0.1%
VBATT
IO
RCL
0.1%
IN
OUT
VBATT
VO
78L05
Common
R1
R1
CM431A
R2
CM431A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com