Electronic Components Datasheet Search
  English  ▼

X  

CM431ABCS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CM431ABCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431ABCS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CM431ABCS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 9Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 10Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 11Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 12Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 13Page - List of Unclassifed Manufacturers CM431ABCS Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2004/08/27
Champion Microelectronic Corporation
Page 13
NUMBERING SCHEME
Ordering Number: CM431AXYZ (note1)
Ordering Number: CM431AGXYZ (note2)
note1:
X : Suffix for Reference Voltage Tolerance (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note2:
G : Suffix for Pb Free Product
X : Suffix for Reference Voltage Tolerance (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note 3: see the Reference Voltage Tolerance Suffix Table
note 4:
Y= C: 0
℃~+105℃
note 5:
Z is single alphabet with or without digits
M233 : SOT-23-3 (TR only)
M2R3: SOT-23-3 (TR only) but pin assignment is different with M233
M235 : SOT-23-5 (TR only)
M89:SOT-89(TR only)
N:TO-92(TA only)
S:SOP-8(TR only)
Reference Voltage Tolerance Suffix Table
Tolerance
Suffix
0.5%
A
1%
B
1.5%
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com