Electronic Components Datasheet Search
  English  ▼

X  

LTM4625 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4625
Description  20VIN, 5A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4625 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4625 Datasheet HTML 4Page - Linear Technology LTM4625 Datasheet HTML 5Page - Linear Technology LTM4625 Datasheet HTML 6Page - Linear Technology LTM4625 Datasheet HTML 7Page - Linear Technology LTM4625 Datasheet HTML 8Page - Linear Technology LTM4625 Datasheet HTML 9Page - Linear Technology LTM4625 Datasheet HTML 10Page - Linear Technology LTM4625 Datasheet HTML 11Page - Linear Technology LTM4625 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTM4625
8
Rev C
For more information www.analog.com
OPERATION
TheLTM4625isastandalonenonisolatedswitchmodeDC/
DC power supply. It can deliver up to 5A DC output current
withfewexternalinputandoutputcapacitors.Thismodule
provides precisely regulated output voltage adjustable
between 0.6V to 5.5V via one external resistor over a 4V
to 20V input voltage range. With an external bias supply
above 4V connected to SVIN, this module operates with
an input voltage down to 2.375V. The typical application
schematic is shown in Figure 20.
The LTM4625 contains an integrated constant on-time
valley current mode regulator, power MOSFETs, inductor,
and other supporting discrete components. The default
switchingfrequencyis1MHz.Forswitchingnoise-sensitive
applications, the switching frequency can be adjusted
by external resistors and the μModule regulator can be
externally synchronized to a clock within ±30% of the set
frequency. See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4625 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast cur-
rent limiting. Foldback current limiting is provided in an
overcurrent condition indicated by a drop in VFB reducing
inductor valley current to approximately 40% of the origi-
nal value. Internal output overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if the
output feedback voltage exits a ±10% window around the
regulationpoint.ContinuousoperationisforcedduringOV
and UV condition except during start-up when the TRACK
pin is ramping up to 0.6V.
Furthermore,inordertoprotecttheinternalpowerMOSFET
devices against transient voltage spikes, the LTM4625
constantly monitors the VIN pin for an overvoltage condi-
tion. When VIN rises above 23.5V, the regulator suspends
operation by shutting off both power MOSFETs. Once VIN
drops below 21.5V, the regulator immediately resumes
normal operation. The regulator does not execute its
soft-start function when exiting an overvoltage condition.
Multiphase operation can be easily employed with the
synchronizationandphasemodecontrols.Upto12phases
can be cascaded to run simultaneously with respect to
each other by programming the PHMODE pin to different
levels. The LTM4625 has CLKIN and CLKOUT pins for
PolyPhase operation of multiple devices or frequency
synchronization.
Pulling the RUN pin below 1.1V forces the controller into
its shutdown state, turning off both power MOSFETs
and most of the internal control circuitry. At light load
currents, discontinuous mode (DCM) operation can be
enabled to achieve higher efficiency compared to continu-
ous mode (CCM) by pulling the MODE pin to SGND. The
TRACK/SS pin is used for power supply tracking and
soft-start programming. See the Applications Informa-
tion section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com