Electronic Components Datasheet Search
  English  ▼

X  

LTM4625 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4625
Description  20VIN, 5A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4625 Datasheet(HTML) 5 Page - Linear Technology

  LTM4625 Datasheet HTML 1Page - Linear Technology LTM4625 Datasheet HTML 2Page - Linear Technology LTM4625 Datasheet HTML 3Page - Linear Technology LTM4625 Datasheet HTML 4Page - Linear Technology LTM4625 Datasheet HTML 5Page - Linear Technology LTM4625 Datasheet HTML 6Page - Linear Technology LTM4625 Datasheet HTML 7Page - Linear Technology LTM4625 Datasheet HTML 8Page - Linear Technology LTM4625 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM4625
5
Rev C
For more information www.analog.com
Start-Up with No Load Current
Short-Circuit with No Load
Applied
Start-Up with 5A Load Current
Short-Circuit with 5A Load
Applied
Steady-State Output Voltage
Ripple
Recovery from Short-Circuit with
No Load Applied
Start Into Pre-Biased Output
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
0.5V/DIV
IIN
2A/DIV
5ms/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
SOFT-START CAPACITOR = 0.1µF
4625 G09
VOUT
0.5V/DIV
IIN
2A/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
SOFT-START CAPACITOR = 0.1µF
4625 G10
5ms/DIV
IIN
500mA/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
4625 G11
20µs/DIV
IIN
500mA/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
50µs/DIV
4625 G12
VOUT
5mV/DIV
AC-COUPLED
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
20MHz BW
4625 G14
1µs/DIV
IIN
1A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
4625 G13
20µs/DIV
VIN
5V/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V WITH 0.75V PREBIASED VOLTAGE
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
4625 G15
5ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com