Electronic Components Datasheet Search
  English  ▼

X  

LTM2895 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2895
Description  100MHz Isolated DAC SPI Serial Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2895 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2895 Datasheet HTML 9Page - Linear Technology LTM2895 Datasheet HTML 10Page - Linear Technology LTM2895 Datasheet HTML 11Page - Linear Technology LTM2895 Datasheet HTML 12Page - Linear Technology LTM2895 Datasheet HTML 13Page - Linear Technology LTM2895 Datasheet HTML 14Page - Linear Technology LTM2895 Datasheet HTML 15Page - Linear Technology LTM2895 Datasheet HTML 16Page - Linear Technology LTM2895 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTM2895
13
2895fa
For more information www.linear.com/LTM2895
APPLICATIONS INFORMATION
the SCK. For configured SCK2 frequencies of 50MHz and
lower, MOSI is captured on the rising edge and MISO is
shifted on the falling edge of SCK, as shown in Figure 3.
The isolated side always operates in mode (0, 0). MOSI2
sets up data on the falling edge of SCK2 and MISO2 is
captured on the rising edge of SCK2.
Third, the slave selects SS and SSB must be dedicated to
framing the operation of reading or writing data. The SS or
SSB must go low at the beginning of the SPI transaction
prior to the SCK transitions and must go high after the
last SCK rising edge transition, see Figure 4.
LOAD INPUT
LOAD input is a low jitter path available for digital to ana-
log converters that offers a low true LOAD DAC (LDAC)
input. The LOAD to LOAD2 signal is initiated on a falling
edge. The rising edge of LOAD is ignored. The rising
edge of LOAD2 is generated internally and has up to 5ns
of jitter. The low pulse width of LOAD2 is dependent on
the configured SCK2 frequency. For SCK2 frequencies of
SCK
2895 F02
MOSI
MISO
SCK
2895 F03
MOSI
MISO
SS or SSB
SCK
FRAME
2895 F04
Figure 2. SCK and Data with SCK2 Frequency
Configured for 100MHz or 66MHz
Figure 3. SCK and Data with SCK2 Frequency
Configured for 50MHz or Less
Figure 4. SPI Transaction with SS or SSB Framing SCK
40MHz or greater, LOAD2 has a pulse width of ~40ns, and
for SCK2 frequencies of 33MHz or below, LOAD2 has a
pulse width of ~60ns.
LOAD is not necessary to interact with the isolated SPI
device. When LOAD is unused connect it to VL.
READ BACK DATA
Data can be read back from the isolated side MISO2 pin
to MISO. The data read out of the MISO pin has one word
of latency data[n-1]. The MISO pin is only utilized during
transactions when the primary chip select, SS, is active.
When data is read from the isolated side's MISO2 data[n],
it is placed in a circular FIFO buffer on the logic side. The
current data in the buffer (data[n-1]) is shifted out on the
MISO output. New data from the isolated side will fill in
the buffer behind it. The very first word read out of the
buffer after a startup is all “0”s.
The LTM2895 uses read and write pointers to track the
current bit locations for data[n] and data[n-1]. If the SPI
communication is unexpectedly halted from the master
controller and then recovers or is reconnected during a
different transaction, the internal relative alignment of the
pointers may be lost resulting in an offset in the read back
data. If an offset in the data is detected, the pointers may
be resynchronized by resetting the LTM2895. To reset the
LTM2895, toggle the ON pin low for 1µs and then reload
the configuration register.
SPI PAGE MODE
SPI page mode allows large data transfers of multiple
words within a slave select frame. To operate in page
mode beyond the defined wordlength, maintain SS low
and continue clocking SCK the desired number of word-
lengthmultiples.SCKmustendonawordlengthboundary.
Further, maintain the timing between rising edges of SCK
and the timing between SS and SCK so a watchdog event
is not triggered.
The read back data on MISO is one word-length delayed.
See Figure 14 for an example of page mode operation and
the relationship of words into and out of the LTM2895.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com