Electronic Components Datasheet Search
  English  ▼

X  

LTM2895 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2895
Description  100MHz Isolated DAC SPI Serial Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2895 Datasheet(HTML) 2 Page - Linear Technology

  LTM2895 Datasheet HTML 1Page - Linear Technology LTM2895 Datasheet HTML 2Page - Linear Technology LTM2895 Datasheet HTML 3Page - Linear Technology LTM2895 Datasheet HTML 4Page - Linear Technology LTM2895 Datasheet HTML 5Page - Linear Technology LTM2895 Datasheet HTML 6Page - Linear Technology LTM2895 Datasheet HTML 7Page - Linear Technology LTM2895 Datasheet HTML 8Page - Linear Technology LTM2895 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTM2895
2
2895fa
For more information www.linear.com/LTM2895
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VL – GND .................................................−0.3V to 6V
VCC – GND ...............................................−0.3V to 6V
Isolated Supply Voltages
VL2 – GND2 .............................................−0.3V to 6V
VCC2 – GND2............................................−0.3V to 6V
Logic Signals
ON, LOAD, BUSY, SA, SB, SC, SS, SSB
SCK, MOSI, MISO................ GND – 0.3V to VL + 0.3V
FAULT............................................... GND – 0.3V to 6.3V
(Note 1)
ORDER INFORMATION
Isolated Signals
SS2, SSB2, MISO2, ON2, LOAD2, SCK2
SA2, SB2, SC2, MOSI2 .....GND2 – 0.3V to VL2 + 0.3V
Operating Temperature Range (Note 10)
LTM2895C ............................................... 0°C to 70°C
LTM2895I ............................................–40°C to 85°C
LTM2895H.........................................−40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Maximum Internal Operating Temperature............ 125°C
Peak Body Reflow Temperature ............................260°C
PIN CONFIGURATION
BGA PACKAGE
36-LEAD (15mm
× 6.25mm × 2.06mm)
TOP VIEW
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
LOAD FAULT
SC
SCK
SSB
SA
BUSY
SB
GND
MOSI
GND
GND
SS
GND
MISO
ON
VCC
VL
SC2
DNC LOAD2
SA2
SSB2 SCK2
SB2
DNC
GND2
GND2
MOSI2
GND2
GND2
SS2
MISO2
VCC2
ON2
VL2
TJMAX = 125°C, θJA = 36°C/W, θJCTOP = 27.5°C/W, θJCBOTTOM = 17.5°C/W
θJB = 19.1°C/W, WEIGHT = 0.36g
PART NUMBER
PACKAGE
TYPE
BALL FINISH
PART MARKING*
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM2895CY#PBF
BGA
SAC305 (RoHS)
LTM2895Y
e1
3
0°C to 70°C
LTM2895IY#PBF
–40°C to 85°C
LTM2895HY#PBF
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more information,
go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and
Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings:
www.linear.com/packaging
• This product is moisture sensitive. For more
information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM2895#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com