Electronic Components Datasheet Search
  English  ▼

X  

LTM2895 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM2895
Description  100MHz Isolated DAC SPI Serial Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2895 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM2895 Datasheet HTML 17Page - Linear Technology LTM2895 Datasheet HTML 18Page - Linear Technology LTM2895 Datasheet HTML 19Page - Linear Technology LTM2895 Datasheet HTML 20Page - Linear Technology LTM2895 Datasheet HTML 21Page - Linear Technology LTM2895 Datasheet HTML 22Page - Linear Technology LTM2895 Datasheet HTML 23Page - Linear Technology LTM2895 Datasheet HTML 24Page - Linear Technology LTM2895 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTM2895
21
2895fa
For more information www.linear.com/LTM2895
TIMING DIAGRAMS
ISOLATED INTERFACE
The isolated interface of the LTM2895 is driven by the
signal transitions on the logic side. The LOAD2 pulse
width is an internally controlled parameter based on the
configuration of SCK2. An SCK2 frequency selection of
50MHz or greater will result in a ~40ns tPWLOAD2 and a
40MHz or lower frequency will result in a ~60ns tPWLOAD2.
The falling edge of LOAD2 has low jitter and the rising
edge has ~5ns of jitter.
When connecting a SPI device to the isolated side, select
a SCK2 frequency that allows the required setup and hold
time for the device and the LTM2895. See section SCK2
FREQUENCY to select the proper operating frequency.
The isolated interface sets up data on the falling edge of
SCK2 which matches SPI mode (0, 0). MISO2 and MOSI2
timing constraints are measured against the SCK2 falling
to rising time, tSCK2L.
Figure 8. Logic Isolated Side Interface
DN-1
DN-2
D1
DN-3
DIN
DI0
DI1
DIN-3
DIN-2
DIN-1
DN
D0
MOSI2
SCK2
tSCK2
SS2
tSCK2L
tSCK2H
tSCK2SS2DIS
tHMOSI2
tSUMISO2
tSS2FSCK2
MISO2
LOAD2
tPWLOAD2
2895 F08
tDLYMOSI2SCK2
tHMISO2
tDMOSI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com