Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4622
Description  Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology LTM4622 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4622
6
Rev F
For more information www.analog.com
3.3V Output Transient Response
5V Output Transient Response
Start-Up with No Load Current
Applied
Start-Up with 2.5A Load Current
Applied
Recover from Short-Circuit with
No Load Current Applied
Short-Circuit with No Load
Current Applied
Short-Circuit with 2.5A Load
Current Applied
Steady-State Output Voltage
Ripple
Start-Up into Pre-Biased Output
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
100mV/DIV
AC-COUPLED
LOAD STEP
1A/DIV
VIN = 12V
VOUT = 3.3V
FS = 2MHz
OUTPUT CAPACITOR = 1
× 47µF CERAMIC
LOAD STEP = 1.25A TO 2.5A
20µs/DIV
4622 G09
VOUT
100mV/DIV
AC-COUPLED
LOAD STEP
1A/DIV
VIN = 12V
VOUT = 5V
FS = 2.5MHz
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
LOAD STEP = 1.25A TO 2.5A
20µs/DIV
4622 G10
SW
10V/DIV
VOUT
1V/DIV
RUN
10V/DIV
VIN = 12V
VOUT = 1.8V
FS = 1MHz
INPUT CAPACITOR = 1 × 22µF
OUTPUTCAPACITOR=1×22µF+1×47µF CERAMIC
SOFT-START CAP = 0.1µF
20ms/DIV
4622 G11
SW
10V/DIV
VOUT
1V/DIV
RUN
10V/DIV
VIN = 12V
VOUT = 1.8V
FS = 1MHz
INPUT CAPACITOR = 1 × 22µF
OUTPUTCAPACITOR=1×22µF+1×47µF CERAMIC
SOFT-START CAP = 0.1µF
200ms/DIV
4622 G12
SW
10V/DIV
VOUT
1V/DIV
IIN
2A/DIV
VIN = 12V
VOUT = 1.8V
FS = 1MHz
INPUT CAPACITOR = 1 × 22µF
OUTPUTCAPACITOR=1×22µF+1×47µF CERAMIC
20µs/DIV
4622 G13
SW
10V/DIV
VOUT
1V/DIV
IIN
2A/DIV
VIN = 12V
VOUT = 1.8V
FS = 1MHz
INPUT CAPACITOR = 1 × 22µF
OUTPUTCAPACITOR=1×22µF+1×47µF CERAMIC
20µs/DIV
4622 G15
VOUT
10mV/DIV
AC-COUPLED
SW
5V/DIV
VIN = 12V
VOUT = 1.8V
FS = 1MHz
INPUT CAPACITOR = 1 × 22µF
OUTPUT CAPACITOR = 1
×22µF+1×47µF CERAMIC
1µs/DIV
4622 G16
SW
10V/DIV
VOUT
1V/DIV
IIN
500mA/DIV
VIN = 12V
VOUT = 1.8V
FS = 1MHz
INPUT CAPACITOR = 1 × 22µF
OUTPUTCAPACITOR=1×22µF+1×47µF CERAMIC
20µs/DIV
4622 G14
SW
10V/DIV
VOUT
1V/DIV
RUN
10V/DIV
VIN = 12V
VOUT = 1.8V
FS = 1MHz
INPUT CAPACITOR = 1 × 22µF
OUTPUTCAPACITOR=1×22µF+1×47µF CERAMIC
50ms/DIV
4622 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com