Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4622
Description  Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 18Page - Linear Technology LTM4622 Datasheet HTML 19Page - Linear Technology LTM4622 Datasheet HTML 20Page - Linear Technology LTM4622 Datasheet HTML 21Page - Linear Technology LTM4622 Datasheet HTML 22Page - Linear Technology LTM4622 Datasheet HTML 23Page - Linear Technology LTM4622 Datasheet HTML 24Page - Linear Technology LTM4622 Datasheet HTML 25Page - Linear Technology LTM4622 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4622
22
Rev F
For more information www.analog.com
Figure 24. 4VIN to 20VIN, 1V and 1.8V Output at 2.5A Design
90.6k
4622 F24
10µF
VIN
4V TO 20V
VOUT1
1V, 2.5A
10µF
0.1µF
0.1µF
VOUT1
VOUT2
1.8V, 2.5A
10µF
VOUT2
FB1
COMP1
COMP2
FREQ
GND
LTM4622
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
30.1k
FB2
30.2k
4622 F25
10µF
VIN
4V TO 20V
VOUT
1.2V, 5A
22µF
0.1µF
VOUT1
VOUT2
FB1
COMP1
COMP2
FREQ
GND
LTM4622
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
PGOOD
SYNC/MODE
TRACK/SS1
TRACK/SS2
FB2
APPLICATIONS INFORMATION
13.3k
4622 F26
10µF
VIN
8V TO 20V
VOUT1
3.3V, 2.5A
10µF
0.1µF
0.1µF
VOUT1
VOUT2
5V, 2.5A
10µF
VOUT2
FB1
COMP1
COMP2
FREQ
GND
LTM4622
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
8.25k
FB2
324k
Figure 25. 4VIN to 20VIN, 1.2V Two Phase in Parallel 5A Design
Figure 26. 8VIN to 20VIN, 3.3V and 5V Output at 2.5A with 2MHz Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com