Electronic Components Datasheet Search
  English  ▼

X  

HAL800 Datasheet(PDF) 5 Page - Micronas

Part # HAL800
Description  Programmable Linear Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL800 Datasheet(HTML) 5 Page - Micronas

  HAL800 Datasheet HTML 1Page - Micronas HAL800 Datasheet HTML 2Page - Micronas HAL800 Datasheet HTML 3Page - Micronas HAL800 Datasheet HTML 4Page - Micronas HAL800 Datasheet HTML 5Page - Micronas HAL800 Datasheet HTML 6Page - Micronas HAL800 Datasheet HTML 7Page - Micronas HAL800 Datasheet HTML 8Page - Micronas HAL800 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HAL 800
Micronas
5
2. Functional Description
2.1. General Function
The HAL 800 is a monolithic integrated circuit which
provides an output voltage proportional to the mag-
netic flux through the Hall plate and proportional to the
supply voltage.
The external magnetic field component perpendicular
to the branded side of the package generates a Hall
voltage. This voltage is converted to a digital value,
processed in the Digital Signal Processing Unit (DSP)
according to the EEPROM programming, converted to
an analog voltage with ratiometric behavior, and stabi-
lized by a push-pull output transistor stage. The func-
tion and the parameters for the DSP are detailed
explained in Section 2.2. on page 7.
The setting of the LOCK register disables the program-
ming of the EEPROM memory for all time. This regis-
ter cannot be reset.
As long as the LOCK register is not set, the output
characteristic can be adjusted by modifying the
EEPROM registers. The IC is addressed by modulat-
ing the supply voltage (see Fig. 2–1). In the supply
voltage range from 4.5 V up to 5.5 V, the sensor gener-
ates an analog output voltage. After detecting a com-
mand, the sensor reads or writes the memory and
answers with a digital signal on the output pin. The
analog output is switched off during the communica-
tion.
Internal temperature compensation circuitry and the
choppered offset compensation enables operation
over the full temperature range with minimal changes
in accuracy and high offset stability. The circuitry also
rejects offset shifts due to mechanical stress from the
package. The non-volatile memory is equipped with
redundant EEPROM cells. In addition, the sensor IC is
equipped with devices for overvoltage and reverse volt-
age protection at all pins.
Fig. 2–1: Programming with VDD modulation
Fig. 2–2: HAL800 block diagram
5
6
7
8
HAL
800A
VDD
GND
OUT
analog
VDD
digital
Internally
Temperature
Oscillator
Switched
A/D
Digital
D/A
Analog
OUT
VDD
GND
Supply
EEPROM Memory
Lock Control
Digital
stabilized
Supply and
Protection
Devices
Dependent
Bias
Protection
Devices
Hall Plate
Converter
Signal
Processing
Converter
Output
Level
Detection
Output
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com