Electronic Components Datasheet Search
  English  ▼

X  

HAL800 Datasheet(PDF) 22 Page - Micronas

Part # HAL800
Description  Programmable Linear Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL800 Datasheet(HTML) 22 Page - Micronas

Back Button HAL800 Datasheet HTML 16Page - Micronas HAL800 Datasheet HTML 17Page - Micronas HAL800 Datasheet HTML 18Page - Micronas HAL800 Datasheet HTML 19Page - Micronas HAL800 Datasheet HTML 20Page - Micronas HAL800 Datasheet HTML 21Page - Micronas HAL800 Datasheet HTML 22Page - Micronas HAL800 Datasheet HTML 23Page - Micronas HAL800 Datasheet HTML 24Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
HAL 800
22
Micronas
5.4. Number Formats
Binary number:
The most significant bit is given as first, the least signif-
icant bit as last digit.
Example: 101001 represents 41 decimal.
Signed binary number:
The first digit represents the sign of the following
binary number (1 for negative, 0 for positive sign).
Example:
0101001 represents +41 decimal
1101001 represents
−41 decimal
Two-complementary number:
The first digit of positive numbers is 0, the rest of the
number is a binary number. Negative numbers start
with 1. In order to calculate the absolute value of the
number, you have to calculate the complement of the
remaining digits and to add 1.
Example:
0101001 represents +41 decimal
1010111 represents
−41 decimal
Micronas registers (read only for customers)
Table 5–3: Available register addresses
Parameter
Code
Data
Bits
Format
Customer
Remark
CLAMP-LOW
1
10
binary
read/write/program
Low clamping voltage
CLAMP-HIGH
2
11
binary
read/write/program
High clamping voltage
VOQ
3
11
two compl.
binary
read/write/program
SENSITIVITY
4
14
signed binary
read/write/program
MODE
5
3
binary
read/write/program
Range and filter parameters
see Table 5–4 for details
LOCKR
6
1
binary
lock
Lock Bit
ADC-READOUT
7
14
two compl.
binary
read
TC
11
6
signed binary
read/write/program
TCSQ
12
5
binary
read/write/program
Parameter
Code
Data
Bits
Format
Remark
OFFSET
8
4
two compl. binary
ADC offset adjustment
FOSCAD
9
5
binary
Oscillator frequency adjustment
SPECIAL
13
6
special settings
IMLOCK
14
1
binary
Lock Bit for the Micronas registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com