Electronic Components Datasheet Search
  English  ▼

X  

HAL800 Datasheet(PDF) 23 Page - Micronas

Part # HAL800
Description  Programmable Linear Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL800 Datasheet(HTML) 23 Page - Micronas

Back Button HAL800 Datasheet HTML 16Page - Micronas HAL800 Datasheet HTML 17Page - Micronas HAL800 Datasheet HTML 18Page - Micronas HAL800 Datasheet HTML 19Page - Micronas HAL800 Datasheet HTML 20Page - Micronas HAL800 Datasheet HTML 21Page - Micronas HAL800 Datasheet HTML 22Page - Micronas HAL800 Datasheet HTML 23Page - Micronas HAL800 Datasheet HTML 24Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
HAL 800
Micronas
23
5.5. Register Information
CLAMP-LOW
– The register range is from 0 up to 1023.
– The register value is calculated by:
CLAMP-HIGH
– The register range is from 0 up to 2047.
– The register value is calculated by:
VOQ
– The register range is from
−1024 up to 1023.
– The register value is calculated by:
SENSITIVITY
– The register range is from
−8192 up to 8191.
– The register value is calculated by:
MODE
– The register range is from 0 up to 7 and contains the
settings for FILTER and RANGE
ADC-READOUT
– This register is read only.
– The register range is from
−8192 up to 8191.
TC and TCSQ
– The TC register range is from
−31 up to 31,
– The TCSQ register range is from 0 up to 31.
Please refer Section 4.2. on page 17 for the recom-
mended values.
5.6. Programming Information
If you want to change the content of any register
(except the lock registers) you have to write the
desired value into the corresponding RAM register at
first.
If you want to permanently store the value in the
EEPROM, you have to send an ERASE command first
and a PROM command afterwards. The address within
the ERASE and PROM command is not important.
ERASE and PROM acts on all registers in parallel.
If you want to change all registers of the HAL 800, you
can send all writing commands one after each other
and send one ERASE and PROM command at the
end.
Low Clamping Voltage
VDD
* 2048
CLAMP-LOW =
High Clamping Voltage
VDD
* 2048
CLAMP-HIGH =
VOQ
VDD
* 1024
VOQ =
Sensitivity
2048
SENSITIVITY =
Table 5–4: Parameters for the MODE register
MODE
FILTER
−3 dB Frequency
RANGE
Magnetic Field Range
00
2 kHz
0
−30 mT...30 mT
10
2 kHz
1
−75 mT...75 mT
20
2 kHz
2
−90 mT...90 mT
30
2 kHz
3
−150 mT...150 mT
4
1
500 Hz
0
−30 mT...30 mT
5
1
500 Hz
1
−75 mT...75 mT
6
1
500 Hz
2
−90 mT...90 mT
7
1
500 Hz
3
−150 mT...150 mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com