Electronic Components Datasheet Search
  English  ▼

X  

LTM8028 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8028
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8028 Datasheet HTML 3Page - Linear Technology LTM8028 Datasheet HTML 4Page - Linear Technology LTM8028 Datasheet HTML 5Page - Linear Technology LTM8028 Datasheet HTML 6Page - Linear Technology LTM8028 Datasheet HTML 7Page - Linear Technology LTM8028 Datasheet HTML 8Page - Linear Technology LTM8028 Datasheet HTML 9Page - Linear Technology LTM8028 Datasheet HTML 10Page - Linear Technology LTM8028 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM4633
7
4633f
For more information www.linear.com/LTM4633
pin FuncTions
GND (A4, A8-A9, D1- D12, E1-E12, F4, F8, F12, G3-G4,
G7-G8, G11-G12, H3-H4, H7-H8, H11-H12, J1-J5, J7,
J9-J12, K1-K3, K8-K10, K12,L1-L2,L12, M1, M6-M8,
M12): Ground Pins for Both Input and Output Returns.
All ground pins need to connect with large copper areas
underneath the unit.
VOUT1, VOUT2, VOUT3 (A10-A12, B9-B12, and C10-C12);
(A5-A7, B5-B8, C6-C8); (A1-A3, B1-B4, C1-C4): Power
Output Pins. Apply output load between these pins and
the GND pins. Recommend placing output decoupling
capacitance directly between these pins and the GND
pins. See Table 5.
TEMP1 AND TEMP2 (C9, C5): Two Onboard Temperature
Diodes for Monitoring the VBE Junction Voltage Change
with Temperature. Each of these two temperature diode
connected PNP transistors is placed in the middle of
channel 1 and channel 2, and in the middle of channel 2
and channel 3. See the Applications Information section
and an example in Figure 19.
VIN1,VIN2,VIN3 (F9-F10,G9-G10,H9-H10);(F5-F6,G5-
G6,H5-H6);(F1-F2,G1-G2,H1-H2): Power Input Pins.
Apply input voltage between these pins and the GND pins.
Recommendplacinginputdecouplingcapacitancedirectly
between the VIN pins and the GND pins. The VIN paths
can be all combined from one power source, or powered
from independent power sources. The VIN paths can
operate down to 2.375V when the CNTL_PWR is biased
separately from a supply in the range of 4.7V to 16V. See
the Applications Information section.
SW1 (F11), SW2 (F7), SW3 (F3): The internal switch
node for each of the regulator channels for monitoring
the switching waveform. An R-C snubber circuit can be
placed on these pins to ground to eliminate switch node
ringing noise.
CNTL_PWR (J6): Input Supply to an Internal Bias LDO to
Power the Internal Controller and MOSFET Drivers. This
pin is connected to an input supply voltage range of 4.7V
to 16V. If the voltage at CNTL_PWR is ≤5.5V, the INTVCC
pin should be tied to CNTL_PWR for optimum efficiency.
If the voltage at CNTL_PWR is >5.5V, leave INTVCC floating
with the recommended decoupling capacitor. When using
multiple input supplies, choose the lowest input supply
between 4.7V to 16V to supply the CNTL_PWR pin. This
will lower the internal power loss and improve efficiency.
INTVCC (J8): Output of the Internal Bias LDO for Powering
InternalControlCircuitry.Connecta4.7µFceramiccapaci-
tor to ground for decoupling. If the voltage at CNTL_PWR
is ≤5.5V, tie the INTVCC pin to CNTL_PWR for optimum
efficiency. If the voltage at CNTL_PWR is >5.5V, leave
INTVCC floating. See the Applications Information section.
SGND (K6-K7, L6-L7): Signal Ground Connections. The
signal ground connection in the module is separated from
normal power ground (GND) by an internal 2.2Ω resistor.
This allows the designer to connect the signal ground pin
close to GND near the external output capacitors on the
regulatorchannel’soutputs.Theentireinternalsmall-signal
feedback circuitry is referenced to SGND, thus allowing
for better output regulation. See the recommended layout
in the Applications Information section.
EXTVCC (L3): External Bias Power Input. The internal bias
LDO is bypassed whenever the voltage at EXTVCC is above
4.7V. Never exceed 6V at this pin and ensure CNTL_PWR >
EXTVCC at all times to avoid reverse polarity on the internal
bias LDO. Connect a 1µF capacitor to ground when used
otherwise leave floating. When generating a 5V output on
channel 3, connect the 5V output to this pin to improve
efficiency.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com