Electronic Components Datasheet Search
  English  ▼

X  

LTM8028 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM8028
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM8028 Datasheet HTML 22Page - Linear Technology LTM8028 Datasheet HTML 23Page - Linear Technology LTM8028 Datasheet HTML 24Page - Linear Technology LTM8028 Datasheet HTML 25Page - Linear Technology LTM8028 Datasheet HTML 26Page - Linear Technology LTM8028 Datasheet HTML 27Page - Linear Technology LTM8028 Datasheet HTML 28Page - Linear Technology LTM8028 Datasheet HTML 29Page - Linear Technology LTM8028 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTM4633
26
4633f
For more information www.linear.com/LTM4633
Typical applicaTions
RFB3
19.1k
RFB2
121k
RFB1
69.8k
COUT3
470µF
COUT6
470µF
COUT8
100µF
COUT2
100µF
220pF
1.5V
VFB1
VFB2
1.2V
3.3V
COUT5
100µF
220pF
VFB3
100pF
COUT1
100µF
COUT4
100µF
COUT7
100µF
VFB2
VFB3
FOR COUT, RFB, COMP AND CFF
SEE TABLE 5
CSS3
0.1µF
CSS1
0.1µF
13.3k
CIN3
22µF
16V
CIN2
22µF
16V
CIN1
22µF
16V
CIN4
22µF
16V
10k
10k
CNTL_PWR
MODE/PLLIN
RUN1
RUN2
RUN3
TK/SS2
TK/SS3
FREQ/PLLLPF
COMP1
COMP2
COMP3
PGOOD12
PGOOD3
TEMP1
TEMP2
VOUT1
VFB1
VFB1
VOUT2 VFB2
VOUT3 VFB3
4633 F16
GND SGND
VIN1 SW1
VIN2
12V INPUT
SW2
VIN3
LTM4633
SW3
4.7µF
6.3V
INTVCC EXTVCC
CSS2
0.1µF
TK/SS1
Figure 16. LTM4633 Typical 12V Input to 1.5V at 10A, 1.2V at 10A, 3.3V at 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com