Electronic Components Datasheet Search
  English  ▼

X  

LTM8028 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM8028
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM8028 Datasheet HTML 21Page - Linear Technology LTM8028 Datasheet HTML 22Page - Linear Technology LTM8028 Datasheet HTML 23Page - Linear Technology LTM8028 Datasheet HTML 24Page - Linear Technology LTM8028 Datasheet HTML 25Page - Linear Technology LTM8028 Datasheet HTML 26Page - Linear Technology LTM8028 Datasheet HTML 27Page - Linear Technology LTM8028 Datasheet HTML 28Page - Linear Technology LTM8028 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTM4633
25
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
Table 5. Output Voltage Response Versus Component Matrix (Refer to Figure 16) 0 to 5A Load Step Typical Measured Values
COUT1 CERAMIC
VENDORS
VALUE
PART NUMBER
COUT2 BULK
VENDORS
VALUE
PART NUMBER
ESR
CIN BULK
VENDORS
VALUE
PART
NUMBER
TDK
100µF 6.3V C4532X5R0J107MZ Sanyo POSCAP 470µF 2.5V 2R5TPD470M5
9mΩ Sanyo
56µF 25V
25SVP56M
Murata
100µF 6.3V GRM32ER60J107M Sanyo POSCAP 470µF 6.3V 6TPD470M
9mΩ
AVX
100µF 6.3V 18126D107MAT
VOUT
CIN
(CERAMIC)
CIN
(BULK)*
COUT1
(CERAMIC)
COUT2
(BULK)
CFF
VIN
DROOP
PEAK-TO-PEAK
DEVIATION AT 7A
LOAD STEP
~RECOVERY
TIME
LOAD
STEP
RFB
FREQ
1V
22µF
× 3
56µF
100µF
× 2
470µF
220pF 5V, 12V
39mV
80mV
100µs
5A/µs
242kΩ
700kHz
1V
22µF
× 3
56µF
100µF
× 3
220µF
220pF 5V, 12V
38mV
78mV
100µs
5A/µs
242kΩ
700kHz
1.2V
22µF
× 3
56µF
100µF
× 2
470µF 220pF 5V, 12V
40mV
90mV
100µs
5A/µs
121kΩ
700kHz
1.2V
22µF
× 3
56µF
100µF
× 3
220µF 220pF 5V, 12V
43mV
88mV
100µs
5A/µs
121kΩ
700kHz
1.5V
22µF
× 3
56µF
100µF
× 2
470µF 220pF 5V, 12V
50mV
100mV
100µs
5A/µs
69.8kΩ
700kHz
1.5V
22µF
× 3
56µF
100µF
× 3
220µF 220pF 5V, 12V
63mV
120mV
100µs
5A/µs
69.8kΩ
700kHz
1.8V
22µF
× 3
56µF
100µF
× 2
220µF
100pF 5V, 12V
65mV
120mV
100µs
5A/µs
48.7kΩ
700kHz
1.8V
22µF
× 3
56µF
100uF
× 4
None
100pF 5V, 12V
67mV
130mV
100µs
5A/µs
48.7kΩ
700kHz
2.5V
22µF
× 3
56µF
100µF
220µF
220pF 5V, 12V
121mV
240mV
100µs
5A/µs
28.7kΩ
700kHz
2.5V
22µF
× 3
56µF
100µF
× 2
None
100pF 5V, 12V
120mV
240mV
100µs
5A/µs
28.7kΩ
700kHz
3.3V
22µF
× 3
56µF
100µF
×2
None
100pF 5V, 12V
140mV
300mV
100µs
5A/µs
19.1kΩ
700kHz
3.3V
22µF
× 3
56µF
100µF
None
47pF
5V, 12V
180mV
320mV
100µs
5A/µs
19.1kΩ
700kHz
5V
22µF
× 3
56µF
100µF
× 2
None
100pF
12V
220mV
400mV
100µs
5A/µs
11.5kΩ
700kHz
5V
22µF
× 3
56µF
100µF
× 3
None
330pF
12V
220mV
400mV
100µs
5A/µs
11.5kΩ
700kHz
*Bulk capacitance is optional if VIN has very low input impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com