Electronic Components Datasheet Search
  English  ▼

X  

LTM4609 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 8Page - Linear Technology LTM4609 Datasheet HTML 9Page - Linear Technology LTM4609 Datasheet HTML 10Page - Linear Technology LTM4609 Datasheet HTML 11Page - Linear Technology LTM4609 Datasheet HTML 12Page - Linear Technology LTM4609 Datasheet HTML 13Page - Linear Technology LTM4609 Datasheet HTML 14Page - Linear Technology LTM4609 Datasheet HTML 15Page - Linear Technology LTM4609 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTM4636-1
12
46361fa
For more information www.linear.com/LTM4636-1
OPERATION
A TEMP+ and TEMP– pins are provided to allow the internal
device temperature to be monitored using an onboard
diode connected NPN transistor.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation using the MODE_PLLIN
pin. These light load features will accommodate battery
operation. Efficiency graphs are provided for light load op-
erationintheTypicalPerformanceCharacteristicssection.
APPLICATIONS INFORMATION
The typical LTM4636-1 application circuit is shown in
Figure 20. External component selection is primarily
determined by the maximum load current and output
voltage. Refer to Table 5 for specific external capacitor
requirements for particular applications.
VIN to VOUT Step-Down Ratios
TherearerestrictionsintheVINtoVOUTstep-downratiothat
can be achieved for a given input voltage. The maximum
duty cycle is 94% typical at 500kHz operation. The VIN to
VOUT minimum dropout is a function of load current and
operation at very low input voltage and high duty cycle
applications. At very low duty cycles the minimum 100ns
on-time must be maintained. See the PLL, Frequency
Adjustment and Synchronization section and temperature
derating curves.
Output Voltage Programming
The PWM controller has an internal 0.6V ±1% reference
voltage. As shown in the Block Diagram, a 4.99k internal
feedback resistor connects the VOUTS1 and VFB pins to-
gether. When the remote sensing is used, then VOUTS1+
and VOUTS1– are connected to the remote VOUT and GND
points. If no remote sense the VOUTS1+ connects to VOUT.
The output voltage will default to 0.6V with no feedback
resistor.AddingaresistorRFBfromVFBtogroundprograms
the output voltage:
VOUT 0.6V •
4.99k RFB
RFB
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT (V)
0.6
1.0
1.2
1.5
1.8
2.5
3.3
RFB (k)
Open
7.5
4.99
3.24
2.49
1.58
1.1
For parallel operation of N LTM4636-1s, the following
equation can be used to solve for RFB:
RFB
4.99k / N
VOUT
0.6V
– 1
Or use VOUTS1 on one channel and connect all feedback
pins together utilizing a single feedback resistor.
Tie the VFB pins together for each parallel output. The
COMP pins must be tied together also. See the Typical
Applications section examples.
Input Capacitors
The LTM4636-1 module should be connected to a low
AC-impedance DC source. Additional input capacitors are
neededfortheRMSinputripplecurrentrating.TheICIN(RMS)
equation which follows can be used to calculate the input
capacitor requirement. Typically 22µF X7R ceramics are a
good choice with RMS ripple current ratings of ~4A each.
A47µFto100µFsurfacemountaluminumelectrolyticbulk
capacitor can be used for more input bulk capacitance.
This bulk input capacitor is only needed if the input source
impedanceiscompromisedbylonginductiveleads,traces
ornotenoughsourcecapacitance.Iflowimpedancepower
planes are used, then this bulk capacitor is not needed.
For a buck converter, the switching duty cycle can be
estimated as:
D
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com