Electronic Components Datasheet Search
  English  ▼

X  

LTM4609 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 25Page - Linear Technology LTM4609 Datasheet HTML 26Page - Linear Technology LTM4609 Datasheet HTML 27Page - Linear Technology LTM4609 Datasheet HTML 28Page - Linear Technology LTM4609 Datasheet HTML 29Page - Linear Technology LTM4609 Datasheet HTML 30Page - Linear Technology LTM4609 Datasheet HTML 31Page - Linear Technology LTM4609 Datasheet HTML 32Page - Linear Technology LTM4609 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTM4636-1
29
46361fa
For more information www.linear.com/LTM4636-1
TYPICAL APPLICATIONS
Figure 21. 2-Phase 1V, 80A Regulator Design
7.5k
0.47µF
34.8k
4.75V TO 15V
4.75V TO 15V
+
+
COMPA
COMPB
TRACK/SS
RUNC
RUNP
HIZREG
FREQ
MODE/PLLIN
SW
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
CLK
INTVCC2
22µF
1V
80A
22µF
16V
×4
CSS
0.22µF
COMP
5V, PVCC2
TRACK/SS
RUNC
RUNP
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC2
5V PVCC2
U2
LTM4636-1
PVCC
PGND
VOUTS1+
VOUT
VOUTS1–
VFB
VFB
RFB2
7.5k
46361 F21
TMON
VOLTAGE OUT TEMP MONITOR
470µF
6.3V
470µF
6.3V
100µF
6.3V
×4
+
COMPA
COMPB
TRACK/SS
RUNC
RUNP
HIZREG
PHMODE
FREQ
MODE/PLLIN
CLKOUT
TMON
SW
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
22µF
2200pF
VOLTAGE OUT
TEMP MONITOR
2.2, 0805
22µF
16V
×4
VIN ≤ 5.5V, TIE VIN AND PVCC TOGETHER, TIE RUNP TO GND.
VIN > 5.5V, THEN OPERATE AS SHOWN
INTVCC1
RUNC
RUNP
CLK
COMP
TRACK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC1
5V PVCC1
U1
LTM4636-1
PVCC
PGND
VOUTS1–
VFB
VFB
INTVCC1
470µF
6.3V
+
470µF
6.3V
+
100µF
25V
100µF
6.3V
×4
2200pF
2.2, 0805
SGND
SGND
SGND
SGND
SGND
100pF
PINS NOT USED IN CIRCUIT LTM4636-1 U1:
GMON, PGOOD, PWM, TEST1, TEST2, TEST3,
VOSNS1+, CROWBAR, OTP_SET, OVP_SET, BIAS,
OVP_TRIP, OVER_TEMP
PINS NOT USED IN CIRCUIT LTM4636-1 U2:
GMON, PGOOD, PHMODE, PWM, TEST1, TEST2,
TEST3, CROWBAR, OTP_SET, OVP_SET, BIAS,
OVP_TRIP, OVER_TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com