Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4644
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology LTM4644 Datasheet HTML 13Page - Linear Technology LTM4644 Datasheet HTML 14Page - Linear Technology LTM4644 Datasheet HTML 15Page - Linear Technology LTM4644 Datasheet HTML 16Page - Linear Technology LTM4644 Datasheet HTML 17Page - Linear Technology LTM4644 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTM4634
14
4634f
For more information www.linear.com/LTM4634
applicaTions inForMaTion
Low duty cycle applications may approach this minimum
on-time limit and care should be taken to ensure that:
VOUT
VIN •FREQ
> tON(MIN)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles.Theoutputvoltagewillcontinuetoberegulated,but
the output ripple and inductor ripple current will increase.
The minimum on-time can be increased by lowering the
switching frequency. A good rule of thumb is to use a
100ns on-time.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TK/SS pins. The output can be tracked up and
downwithanotherregulator.Themasterregulator’soutput
is divided down with an external resistor divider that is the
same as the slave regulator’s feedback divider to imple-
ment coincident tracking. The LTM4634 uses an accurate
60.4k resistor internally for the top feedback resistor for
each channel. Figure 3 shows an example of coincident
tracking for VOUT1 and VOUT2. VOUT1 is the master and
VOUT2 is the slave:
VSLAVE = 1+
60.4k
RTA


VTRACK
VTRACK is the track ramp applied to the slave’s track pin.
VTRACK has a control range of 0V to 0.8V, or the internal
reference voltage. When the master’s output is divided
down with the same resistor values used to set the slave’s
output, then the slave will coincident track with the master
until it reaches its final value. The master will continue to
its final value from the slave’s regulation point. Voltage
tracking is disabled when VTRACK is more than 0.8V. RTA in
Figure 3 will be equal to the RFB2 for coincident tracking.
The TK/SS pin of the master can be controlled by a capaci-
tor placed on the master regulator TK/SS pin to ground. A
1.5µA current source will charge the TK/SS pin up to the
RFB3
19.1k
RFB2
121k
RFB1
69.8k
COUT8
100µF
COUT2
220µF
47pF
1.5V
VFB1
VFB1
VFB2
1.2V
3.3V
COUT5
220µF
220pF
VFB3
47pF
COUT1
220µF
CSS3
0.1µF
VOUT3
VOUT3
RTA
121k
SOFT-START MASTER
RAMP SET BY CSS3 OR
EXTERNAL RAMP
UVLO SET AT 4.7V ON RUN PINS.
RUN PINS CAN BE SEQUENCED OR
ENABLED FROM LOGIC CONTROL
COUT, SEE TABLE 5
RTB 60.4k
60.4k
69.8k
7.87k
CIN1
22µF
16V
CIN2
22µF
16V
CIN3
22µF
16V
CIN4
22µF
16V
COUT4
220µF
COUT7
100µF
10k
10k
CNTL_PWR
MODE/PLLIN
RUN1
RUN2
RUN3
TK/SS2
TK/SS3
FREQ/PLLLPF
COMP1
COMP2
COMP3
PGOOD12
PGOOD3
TEMP1
TEMP2
VOUT1 VFB1
VOUT2 VFB2
VOUT3 VFB3
4633 F03
GND SGND
VIN1 SW1
VIN2
5.5V TO 16V
SW2
VIN3
LTM4634
SW3
4.7µF
6.3V
INTVCC EXTVCC
TK/SS1
VFB2
VFB3
MASTER
Figure 3. Triple Outputs (1.5V and 1.2V) with Tracking and 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com