Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4644
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 3Page - Linear Technology LTM4644 Datasheet HTML 4Page - Linear Technology LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM4639
7
4639f
For more information www.linear.com/LTM4639
PIN FUNCTIONS
VIN (A1-A6, B1-B6, C1-C6): Power Input Pins. Apply
input voltage between these and GND pins. Recommend
placing input decoupling capacitance directly between
VIN and GND pins.
VOUT (J1-J10, K1-K11, L1-L11, M1-M11): Power Output
Pins. Apply output load between these and GND pins.
Recommend placing output decoupling capacitance
between these pins and GND pins. Review Table 5. Output
range 0.6V to 5.5V.
GND (C7, C9, D1-D6, D8, E1-E5, E7, E9, F1-F5, F7-F9,
G1-G9, H1-H9): Power Ground Pins for Both Input and
Output.
PGOOD(F11,G12):OutputVoltagePowerGoodIndicator.
Open-drain logic output is pulled to ground when the
output voltage exceeds a ±10% regulation window. Both
pins are tied together internally.
SGND (G11, H11, H12): Signal Ground Pin. Return
ground path for all analog and low power circuitry. Tie a
single connection to the output capacitor GND. See layout
guidelines in Figure 21.
TEMP+ (F6): Temperature Monitor. See Applications In-
formation section.
TEMP– (E6): Kelvin Return of the Internal Temperature
Monitor.
MODE_PLLIN (A8): Forced Continuous Mode, Burst
Mode Operation, or Pulse-Skipping Mode Selection Pin
and External Synchronization Input to Phase Detector Pin.
Connect this pin to INTVCC to enable pulse-skipping mode.
Connect to ground to enable forced continuous mode.
FloatingthispinwillenableBurstModeoperation.Aclockon
this pin will enable synchronization with forced continuous
operation. See the Applications Information section.
CPWR (B7): Control Bias Input. Required to operate the
LTM4639 regulator below 4.5V input. For VIN ≥4.5V up to
7V connect CPWR to VIN. To maintain soft-start function,
sequence VIN before CPWR, then enable the RUN pin. If
the RUN pin has a pull-up resistor to VIN, then sequence
CPWR after VIN.
OT_TEST (B9): Used for Test Purposes. Float this pin, or
tie to VIN to disable overtemperature protection.
fSET (B12): A resistor can be applied from this pin to
ground to set the operating frequency, or a DC voltage
can be applied to set the frequency. See the Applications
Information section.
TRACK/SS (A9): Output Voltage Tracking Pin and Soft-
Start Inputs. The pin has a 1.2µA pull-up current source. A
capacitor from this pin to ground will set a soft-start ramp
rate. In tracking, the regulator output can be tracked to a
differentvoltage.SeetheApplicationsInformationsection.
VFB (F12): The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT_LCL with a
60.4k precision resistor. Different output voltages can
be programmed with an additional resistor between VFB
and ground pins. In PolyPhase® operation, tying the
VFB pins together allows for parallel operation. See the
Applications Information section.
COMPA (A11): Current Control Threshold and Error
Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. Tie all
COMP pins together for parallel operation. This pin can
be compensated externally for optimized loop response
or connected to the COMPB pin. See the Applications
Information section.
COMPB (A12): Default Compensation Network
Corresponding to Table 5. Tie this pin to COMPA to use
default compensation. See the Applications Information
section.
RUN(A10):RunControlPin.Avoltageabove1.4Vwillturn
on the module. A 5.1V Zener diode to ground is internal to
the module for limiting the voltage on the RUN pin to 5V
andallowingtheuseofapull-upresistortoVINforenabling
the device. Limit current into the RUN pin to ≤ 2mA.
INTVCC (A7, D9): Internal 5V LDO for Driving the Control
Circuitry and the Power MOSFET Drivers. Both pins are
internally connected. The 5V LDO has a 100mA current
limit. INTVCC is controlled and enabled when RUN is
activated high. See Applications Section. This pin is an
output, do not drive this pin.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com