Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4644
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology LTM4644 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTM4639
9
4639f
For more information www.linear.com/LTM4639
BLOCK DIAGRAM
Figure 1. Simplified LTM4639 Block Diagram
POWER
CONTROL
C
VOUT
VIN
5.1V
1M
60.4k
fSET
RUN
VFB
SGND
COMPA
VOUT_LCL
R2
R1
MODE_PLLIN
TRACK/SS
RfSET
75k
RFB
90.9k
47pF
C SOFT-START
4639 F01
0.3µH
M1
VOUT
CPWR
VOUT
1V
20A
VIN
+5V BIAS
VIN
2.375V TO 7V
M2
INTERNAL
COMP
2.2
SGND
INTERNAL
LOOP
FILTER
COMPB
INTVCC
2.2µF
250k
DIFF_OUT
VOSNS+
VOSNS–
GND
PGOOD
INTVCC
EXTVCC
> 1.4V = ON
< 1.1V = OFF
MAX = 5V
1.5µF
35V
10µF
6.3V
+
CIN
COUT
+
TEMP+
TEMP–
OT_TEST
10k
400mV
499k
PTC
INTVCC
DIFF
AMP
+
–
+
OTP
~135°C
PNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com