Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4628
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 1 Page - Linear Technology

  LTM4628 Datasheet HTML 1Page - Linear Technology LTM4628 Datasheet HTML 2Page - Linear Technology LTM4628 Datasheet HTML 3Page - Linear Technology LTM4628 Datasheet HTML 4Page - Linear Technology LTM4628 Datasheet HTML 5Page - Linear Technology LTM4628 Datasheet HTML 6Page - Linear Technology LTM4628 Datasheet HTML 7Page - Linear Technology LTM4628 Datasheet HTML 8Page - Linear Technology LTM4628 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM4642
1
4642fb
For more information www.linear.com/LTM4642
Typical applicaTion
DescripTion
20VIN, Dual 4A or Single 8A
DC/DC µModule Regulator
TheLTM®4642isacompletedual4Aorsingle8Astep-down
DC/DCμModule®(micromodule)regulator.Includedinthe
packagearetheswitchingcontroller,powerFETs,inductor,
and all support components. Operating over input voltage
ranges of 4.5V to 20V, (2.375V min with external CPWR
bias), the LTM4642 supports two outputs with voltage
ranges of 0.6V to 5.5V, set by a single external resistor.
Its high efficiency design delivers 4A continuous current
(5A peak) for each output.
High switching frequency and a valley current mode
architecture enable a very fast transient response to line
and load changes without sacrificing stability. The two
outputs are interleaved with 180° phase to minimize the
ripple noise and reduce the I/O capacitors.
The power module is offered in a 9mm × 11.25mm ×
4.92mm BGA package. The LTM4642 is RoHS compliant
with Pb-free finish.
Dual 4A 1V and 1.2V DC/DC µModule Regulator
FeaTures
applicaTions
n
Small Form Factor Dual 4A Power Supply
n
Wide Input Voltage Range: 4.5V to 20V
(2.375V Min with CPWR Bias)
n
Dual 180° Out-of-Phase Outputs with 4A DC
n
Dual Outputs with 0.6V to 5.5V Range
n
Output Voltage Tracking
n
±1.5% Maximum Total DC Output Voltage Error
n
Up to 95% Maximum Efficiency
n
Phase-Lockable Fixed Frequency 600kHz to 1.4MHz
n
Constant On-Time, Valley Current Mode Architecture
n
Selectable Burst Mode® Operation
n
Output Overvoltage and Overcurrent Protection
n
9mm × 11.25mm × 4.92mm BGA Package
n
Telecom and Networking Equipment
n
Servers
n
FPGA Power
Efficiency vs Load Current at 12V input
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode, µModule and LTpowerCAD
are registered trademarks of Analog Devices, Inc. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 5481178, 5847554, 6580258, 6304066,
6476589, 6774611, 8163643.
+
VIN1 VIN2 CPWR
SGND
PINS NOT USED: COMP1, COMP2, PHASEMD, CLKOUT, EXTVCC, SW1, SW2
GND
LTM4642
4.7µF
22µF
2×
47µF
470pF
VOUT1
470pF
VOUT2
100µF
0.1µF
VIN
4.75V TO 20V
2.2
DRVCC INTVCC
RUN1
133k
10k
90.9k
61.9k
60.4k
4642 TA01a
10k
VRNG1
RUN2
PGOOD1
PGOOD2
TRACK/SS1
TRACK/SS2
MODE/PLLIN
INTVCC
VOUT1
VOUT1 1V AT 4A LOAD
VOUT2
VOUTS1
FREQ
VOUTS–
VFB2
VFB1
VOUT2 1.2V AT 4A LOAD
INTVCC
+
47µF
100µF
0.1µF
LOAD CURRENT (A)
0
70
75
80
85
1
2
3
4
4642 TA01b
90
0.5
1.5
2.7
3.5
1.2V (650kHz)
1V (650kHz)


Similar Part No. - LTM4628

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4628 LINER-LTM4628 Datasheet
554Kb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4628 LINER-LTM4628 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628 LINEAR_DIMENSIONS-LTM4628 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM4628

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4628 LINER-LTM4628_15 Datasheet
1Mb / 36P
Dual 8A or Single 16A DC/DC Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com