Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4628
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 3 Page - Linear Technology

  LTM4628 Datasheet HTML 1Page - Linear Technology LTM4628 Datasheet HTML 2Page - Linear Technology LTM4628 Datasheet HTML 3Page - Linear Technology LTM4628 Datasheet HTML 4Page - Linear Technology LTM4628 Datasheet HTML 5Page - Linear Technology LTM4628 Datasheet HTML 6Page - Linear Technology LTM4628 Datasheet HTML 7Page - Linear Technology LTM4628 Datasheet HTML 8Page - Linear Technology LTM4628 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM4642
3
4642fb
For more information www.linear.com/LTM4642
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application in Figure 27.
Specified as each channel. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICPWR
CPWR Bias Current
CPWR = 12V, MODE = Continuous
20
mA
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT1 = 1.5V, Switching Continuous
VIN = 12V, VOUT2 = 1.5V, Switching Continuous
VIN = 20V, VOUT1 = 1.5V, Switching Continuous
VIN = 20V, VOUT2 = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
25
25
22
22
10
mA
mA
mA
mA
µA
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, IOUT = 4A
VIN = 20V, VOUT = 1.5V, IOUT = 4A
0.6
0.356
A
A
DRVCC
Internal VCC Voltage
6V < VIN < 20V, No Load
5
5.3
5.6
V
IDRVCC(REG)
DRVCC Load Regulation
IDRVCC = 0 to 100mA
–1.5
–3
%
EXTVCC(HYS)
EXTVCC Switchover Hysteresis
200
mV
EXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.4
4.6
4.8
V
Output Specifications
IOUT1,2(DC)
Output Continuous Current Range VIN = 12V, VOUT = 1.5V (Note 5)
0
4
A
ΔVOUT1(LINE)
VOUT(NOM)
Line Regulation Accuracy
VOUT = 1.5V, VIN from 4.5V to 20V,
IOUT = 0A For Each Output
l
0.1
0.2
%
ΔVOUT2(LOAD)
VOUT2(NOM)
Load Regulation Accuracy
For Each Output, VOUT = 1.5V, 0A to 4A (Note 5)
VIN = 12V
l
±0.3
±0.5
%
VOUT1,2(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF X5R Ceramic
VIN = 12V, VOUT = 1.5V
VIN = 20V, VOUT = 1.5V
15
15
mV
mV
fS
Output Ripple Voltage Frequency
IOUT = 2A, VIN = 12V, VOUT = 1.5V,
FREQ = 49.9k to Ground
800
kHz
ΔVOUT(START)
Turn-On Overshoot
COUT = 100µF and 47µF X5R Ceramic, VOUT = 1.5V,
IOUT = 0A
VIN = 12V
VIN = 20V
10
10
mV
mV
tSTART
Turn-On Time
COUT = 100µF X5R and 47µF Ceramic, VOUT = 1.5V,
IOUT = 0A Resistive Load, TRACK/SS = 10nF
VIN = 12V
6
ms
ΔVOUT(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load
COUT = 100µF and 47µF X5R Ceramic, VOUT = 1.5V,
VIN = 12V
50
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load
COUT = 100µF and 47µF X5R Ceramic, VOUT = 1.5V,
VIN = 12V
15
µs
IOUT(PK)
Output Current Limit
COUT = 100µF and 47µF X5R Ceramic,
VIN = 6V, VOUT = 1.5V
VIN = 20V, VOUT = 1.5V
7
7
A
A
Control Section
VOUTS1(REG)
Regulated Differential Feedback
VOUTS1-VOUTS–
Sensed at Load Point with Resistive Divider
l
0.592
0.6
0.608
V
IVOUTS1
VOUTS1 Input Bias Current
(Note 4)
±5
±25
nA
IVOUTS–
VOUTS– Input Bias Current
(Note 4)
–25
–50
nA
IVFB2
VFB2 Input Bias Current
(Note 4)
–5
±50
nA
VFB2
Voltage at VFB2 Pin
IOUT = 0A, VOUT = 2.5V
l
0.592
0.6
0.608
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com