Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4628
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 18Page - Linear Technology LTM4628 Datasheet HTML 19Page - Linear Technology LTM4628 Datasheet HTML 20Page - Linear Technology LTM4628 Datasheet HTML 21Page - Linear Technology LTM4628 Datasheet HTML 22Page - Linear Technology LTM4628 Datasheet HTML 23Page - Linear Technology LTM4628 Datasheet HTML 24Page - Linear Technology LTM4628 Datasheet HTML 25Page - Linear Technology LTM4628 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM4642
22
4642fb
For more information www.linear.com/LTM4642
Figure 8. 5V Input Power Loss
Figure 9. 12V Input Power Loss
applicaTions inForMaTion
Figure 10. 20V Input Power Loss
CURRENT LOAD (A)
0
0.4
0.8
4
4642 F08
0
1
2
3
3.5
0.5
1.5
2.5
1.0
0.2
0.6
5V to 3.3V
5V to 2.5V
5V to 1.8V
5V to 1.5V
5V to 1.2V
5V to 1V
CURRENT LOAD (A)
0
0.4
0.8
4
4642 F09
0
1
2
3
3.5
0.5
1.5
2.5
1.4
1.2
1.0
0.2
0.6
12V to 5V
12V to 3.3V
12V to 2.5V
12V to 1.8V
12V to 1.5V
12V to 1.2V
12V to 1V
CURRENT LOAD (A)
0
0.4
0.8
4
4642 F10
0
1
2
3
3.5
0.5
1.5
2.5
2.2
1.4
1.2
1.0
2.0
1.8
1.6
0.2
0.6
20V to 5V
20V to 3.3V
20V to 2.5V
20V to 1.8V
20V to 1.5V
20V to 1.2V
20V to 1V
Figure 11. 5VIN, 1VOUT 650kHz,
No Heat Sink
Figure 12. 5VIN, 1VOUT 650kHz,
with Heat Sink
Figure 13. 12VIN, 1VOUT 650kHz,
No Heat Sink
tAMB (°C)
50
2
120
4642 F11
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F12
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F13
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
Figure 14. 12VIN, 1VOUT 650kHz,
with Heat Sink
Figure 15. 5VIN, 3.3VOUT 650kHz,
No Heat Sink
Figure 16. 5VIN, 3.3VOUT 650kHz,
with Heat Sink
tAMB (°C)
50
2
120
4642 F14
0
70
90
110
60
80
100
10
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F15
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F16
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com