Electronic Components Datasheet Search
  English  ▼

X  

LTM4651 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4651
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4651 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4651 Datasheet HTML 9Page - Linear Technology LTM4651 Datasheet HTML 10Page - Linear Technology LTM4651 Datasheet HTML 11Page - Linear Technology LTM4651 Datasheet HTML 12Page - Linear Technology LTM4651 Datasheet HTML 13Page - Linear Technology LTM4651 Datasheet HTML 14Page - Linear Technology LTM4651 Datasheet HTML 15Page - Linear Technology LTM4651 Datasheet HTML 16Page - Linear Technology LTM4651 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTM4651
13
4651f
For more information www.linear.com/LTM4651
The typical LTM4651 application circuit is shown in Test
Circuit 1. External component selection is primarily deter-
mined by the maximum load current and output voltage.
Refer to Table 8 for recommended external component
values.
Output Current Capability Varies as a Function of VIN
to VOUT– Conversion Ratios
The output current capability of the LTM4651 has a strong
dependencyontheoperatinginput(VIN)andoutput(VOUT–)
voltages, as highlighted in the page 1 graph.
The reason for this is inherent in the two-switch buck-
boost topology employed by the LTM4651. To protect
the primary power MOSFET (MT) from overstress (see
Simplified Block Diagram), its peak current (IPK) is limited
by control circuitry to 6A. When MT is on, observe that no
current flows to LTM4651’s output; furthermore, observe
that only when MT is off does current flow to the output
of the LTM4651. As a consequence of this arrangement:
for a given output voltage, current limit inception activates
sooner at low line (higher, larger duty cycle) than at high
line (lower, smaller duty cycle). A further consequence is:
for a given input voltage, the output power capability of
the LTM4651 is higher for lower-magnitude VOUT– (lower,
smaller duty cycle) than for higher-magnitude VOUT–
(higher,largerdutycycle).Thecombinationoftheseeffects
is shown the plots in the page 1 graph and described by
the following equation:
IOUT(CAPABILITY) =
VIN • IPK –
∆IPK–PK
2

 •η
VIN – VOUT–
(1)
where:
∆IPK-PK is the inductor ripple current, in amps, and η (unit
less) is the efficiency of the LTM4651.
APPLICATIONS INFORMATION
For completeness, ∆IPK-PK is given by:
where:
L is 4μH, the LTM4651’s power inductor value, and fSW is
the switching frequency of the LTM4651, in MHz.
For a practical design, ∆IPK-PK is designed to be less than
~2APK-PK.
For a practical design, the LTM4651’s on-time of MT
each switching cycle should be designed to exceed the
LTM4651 control loop’s specified minimum on-time of
60ns, tON(MIN), (guardband to 90ns) i.e.:
D
fSW
> TON(MIN)
(3)
where D (unitless) is the duty-cycle of MT, given by:
D=
–VOUT–
VIN – VOUT–
(4)
Combining EQ. 4 with EQ. 1, it can be illustrative to see:
IOUT(CAPABILITY) =(1–D)• IPK –
∆IPK–PK
2

 •η
(5)
In rare cases where the minimum on-time restriction is
violated, the frequency of the LTM4651 automatically and
gradually folds back down to one-fifth of its programmed
switchingfrequencytoallowVOUT–toremaininregulation.
Be reminded of Notes 2, 3 and 5 in the Electrical Char-
acteristics section regarding output current guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com