Electronic Components Datasheet Search
  English  ▼

X  

LTM4651 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4651
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4651 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4651 Datasheet HTML 18Page - Linear Technology LTM4651 Datasheet HTML 19Page - Linear Technology LTM4651 Datasheet HTML 20Page - Linear Technology LTM4651 Datasheet HTML 21Page - Linear Technology LTM4651 Datasheet HTML 22Page - Linear Technology LTM4651 Datasheet HTML 23Page - Linear Technology LTM4651 Datasheet HTML 24Page - Linear Technology LTM4651 Datasheet HTML 25Page - Linear Technology LTM4651 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTM4651
22
4651f
For more information www.linear.com/LTM4651
conditions with thermocouples within a controlled envi-
ronment chamber while operating the device at the same
power loss as that which was simulated. The outcome of
this process and due diligence yields the set of derating
curves provided in later sections of this data sheet, along
withwell-correlatedJESD51-12-definedθvaluesprovided
in the Pin Configuration section of this data sheet.
The –5V, –15V and –24V power loss curves in Figures 10,
11 and 12 respectively can be used in coordination with
the load current derating curves in Figures 13 to 30 for
calculating an approximate θJA thermal resistance for the
LTM4651withvariousheatsinkingandairflowconditions.
These thermal resistances represent demonstrated
performance of the LTM4651 on DC2328A hardware; a
4-layerFR4PCBmeasuring99mm×133mm×1.6mmusing
outerandinnercopperweightsof2ozand1oz,respectively.
The power loss curves are taken at room temperature,
and are increased with multiplicative factors with ambient
temperature.TheseapproximatefactorsarelistedinTable2.
(Compute the factor by interpolation, for intermediate
temperatures.) The derating curves are plotted with the
LTM4651’s output initially sourcing its maximum output
capability(seeEq.5)andtheambienttemperatureat30°C.
The output voltages are –5V, –15V and –24V. These are
chosen to include the lower and higher output voltage
ranges for correlating the thermal resistance. In all derat-
ing curves, the switching frequency of operation follows
guidance provided by Table 1. Thermal models are derived
from several temperature measurements in a controlled
temperaturechamberalongwiththermalmodelinganalysis.
The junction temperatures are monitored while ambient
temperatureisincreasedwithandwithoutairflow,andwith
andwithoutaheatsinkattachedwiththermallyconductive
adhesive tape. The power loss increase with ambient
temperature change is factored into the derating curves.
The junctions are maintained at 120°C maximum while
loweringoutputcurrentorpowerwhileincreasingambient
temperature. The decreased output current decreases the
internal module loss as ambient temperature is increased.
The monitored junction temperature of 120°C minus the
ambientoperatingtemperaturespecifieshowmuchmodule
temperaturerisecanbeallowed.AsanexampleinFigure26,
the load current is derated to 1A at 60°C ambient with
200LFMairflowandnoheatsinkandtheroomtemperature
(25°C) power loss for this 12VIN to –24VOUT at 1A out
conditionis3.55W.A3.9Wlossiscalculatedbymultiplying
the 3.55W room temperature loss from the 12VIN to
–24VOUT power loss curve at 1A (Figure 12), with the 1.1
multiplying factor at 60°C ambient (from Table 2). If the
60°C ambient temperature is subtracted from the 120°C
junction temperature, then the difference of 60°C divided
by 3.9W yields a thermal resistance, θJA, of 15.4°C/W—in
good agreement with Table 4. Tables 3, 4 and 5 provide
equivalent thermal resistances for –5V, –15V and –24V
outputs with and without air flow and heat sinking. The
derived thermal resistances in Tables 3, 4 and 5 for the
various conditions can be multiplied by the calculated
power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss
can be derived from the efficiency curves in the Typical
Performance Characteristics section and adjusted with
ambient temperature multiplicative factors from Table 2.
Table 2. Power Loss Multiplicative Factors vs Ambient
Temperature
AMBIENT TEMPERATURE
POWER LOSS MULTIPLICATIVE
FACTOR
Up to 40°C
1.00
50°C
1.05
60°C
1.10
70°C
1.15
80°C
1.20
90°C
1.25
100°C
1.30
110°C
1.35
120°C
1.40
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com