Electronic Components Datasheet Search
  English  ▼

X  

LTM4651 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4651
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4651 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4651 Datasheet HTML 16Page - Linear Technology LTM4651 Datasheet HTML 17Page - Linear Technology LTM4651 Datasheet HTML 18Page - Linear Technology LTM4651 Datasheet HTML 19Page - Linear Technology LTM4651 Datasheet HTML 20Page - Linear Technology LTM4651 Datasheet HTML 21Page - Linear Technology LTM4651 Datasheet HTML 22Page - Linear Technology LTM4651 Datasheet HTML 23Page - Linear Technology LTM4651 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTM4651
20
4651f
For more information www.linear.com/LTM4651
APPLICATIONS INFORMATION
Figure 4. Normalized Input RMS Ripple Current vs Duty Cycle for One to Six LTM4651s (Phases)
Figure 6. Radiated Emissions Scan of the LTM4651 Producing
–24VOUT at 2A, from 25VIN. DC2328 Hardware. fSW = 1.2MHz.
Measured in a 10m Chamber. Peak Detect Method
Figure 5. Radiated Emissions Scan of the LTM4651. Producing
–24VOUT at 1A, from 12VIN. DC2328A Hardware. fSW = 1.2MHz.
Measured in a 10m Chamber. Peak Detect Method
0.75 0.8
4651 F04
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY CYCLE (–VOUT– / VIN – VOUT–)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1-PHASE
2-PHASE
3-PHASE
4-PHASE
6-PHASE
Figure 8. Radiated Emissions Scan of the LTM4651. Producing
–12VOUT at 2A, from 12VIN. DC2328A Hardware. fSW = 700kHz.
Measured in a 10m Chamber. Peak Detect Method
Figure 7. Radiated Emissions Scan of the LTM4651. Producing
–24VOUT at 2A, from 34VIN. DC2328A Hardware. fSW = 1.2MHz.
Measured in a 10m Chamber. Peak Detect Method
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4651 F05
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4651 F06
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4651 F07
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4651 F08
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com