Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 19Page - Linear Technology LTM8049 Datasheet HTML 20Page - Linear Technology LTM8049 Datasheet HTML 21Page - Linear Technology LTM8049 Datasheet HTML 22Page - Linear Technology LTM8049 Datasheet HTML 23Page - Linear Technology LTM8049 Datasheet HTML 24Page - Linear Technology LTM8049 Datasheet HTML 25Page - Linear Technology LTM8049 Datasheet HTML 26Page - Linear Technology LTM8049 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTM4651
23
4651f
For more information www.linear.com/LTM4651
Table 3. –5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 13, 14, 15
5, 12, 24
Figure 10
0
None
20.8
Figures 13, 14, 15
5, 12, 24
Figure 10
200
None
17.0
Figures 13, 14, 15
5, 12, 24
Figure 10
400
None
16.3
Figures 16, 17, 18
5, 12, 24
Figure 10
0
BGA Heat Sink
18.7
Figures 16, 17, 18
5, 12, 24
Figure 10
200
BGA Heat Sink
16.1
Figures 16, 17, 18
5, 12, 24
Figure 10
400
BGA Heat Sink
14.2
Table 4. –15V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 19, 20, 21
5, 12, 24
Figure 11
0
None
20.0
Figures 19, 20, 21
5, 12, 24
Figure 11
200
None
16.6
Figures 19, 20, 21
5, 12, 24
Figure 11
400
None
14.4
Figures 22, 23, 24
5, 12, 24
Figure 11
0
BGA Heat Sink
19.0
Figures 22, 23, 24
5, 12, 24
Figure 11
200
BGA Heat Sink
14.2
Figures 22, 23, 24
5, 12, 24
Figure 11
400
BGA Heat Sink
12.6
Table 5. –24V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 25, 26, 27
5, 12, 24
Figure 12
0
None
18.3
Figures 25, 26, 27
5, 12, 24
Figure 12
200
None
15.2
Figures 25, 26, 27
5, 12, 24
Figure 12
400
None
14.4
Figures 28, 29, 30
5, 12, 24
Figure 12
0
BGA Heat Sink
17.6
Figures 28, 29, 30
5, 12, 24
Figure 12
200
BGA Heat Sink
14.7
Figures 28, 29, 30
5, 12, 24
Figure 12
400
BGA Heat Sink
13.9
Table 6. Heat Sink Manufacturer (Thermally Conductive Adhesive Tape Pre-Attached)
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
Cool Innovations
3-0504035UT411
www.coolinnovations.com
Table 7. Thermally Conductive Adhesive Tape Vendor
THERMALLY CONDUCTIVE ADHESIVE
TAPE MANUFACTURER
PART NUMBER
WEBSITE
Chomerics
T411
www.chomerics.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com