Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 22Page - Linear Technology LTM8049 Datasheet HTML 23Page - Linear Technology LTM8049 Datasheet HTML 24Page - Linear Technology LTM8049 Datasheet HTML 25Page - Linear Technology LTM8049 Datasheet HTML 26Page - Linear Technology LTM8049 Datasheet HTML 27Page - Linear Technology LTM8049 Datasheet HTML 28Page - Linear Technology LTM8049 Datasheet HTML 29Page - Linear Technology LTM8049 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTM4651
26
4651f
For more information www.linear.com/LTM4651
Figure 20. 12V to –15V
Derating Curve, No Heat Sink
Figure 19. 5V to –15V
Derating Curve, No Heat Sink
Figure 21. 24V to –15V Derating
Curve, No Heat Sink
Figure 23. 12V to –15V Derating
Curve, with BGA Heat Sink
Figure 22. 5V to –15V Derating
Curve, with BGA Heat Sink
Figure 24. 24V to –15V Derating
Curve, with BGA Heat Sink
Figure 25. 5V to –24V Derating
Curve, No Heat Sink
Figure 26. 12V to –24V Derating
Curve, No Heat Sink
Figure 27. 24V to –24V Derating
Curve, No Heat Sink
APPLICATIONS INFORMATION—DERATING CURVES See Table 1 for fSW.
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.125
0.250
0.375
0.500
0.625
0.750
4651 F19
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
4651 F20
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
4651 F21
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.125
0.250
0.375
0.500
0.625
0.750
4651 F22
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
4651 F23
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
4651 F24
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
4651 F25
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.125
0.250
0.375
0.500
0.625
0.750
0.875
1.000
1.125
1.250
4651 F26
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
4651 F27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com