Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology LTM8049 Datasheet HTML 17Page - Linear Technology LTM8049 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTM4653
14
Rev 0
For more information www.analog.com
where D (unitless) is the duty-cycle of MT, given by:
D =
VOUT
VIN
In rare cases where the minimum on-time restriction is
violated, the frequency of the LTM4653 automatically and
gradually folds back down to approximately one-fifth of its
programmed switching frequency to allow VOUT to remain
in regulation. See the Frequency Adjustment section. Be
remindedofNotes2,3and5intheElectricalCharacteristics
section regarding output current guidelines.
Input Capacitors
TheLTM4653achieveslowinputconductedEMInoisedue
to tight layout and high-frequency bypassing of MOSFETs
MT and MB within the module itself. A small filter inductor
(400nH) is integrated in the input line (from VIN to VD),
providing further noise attenuation—again, local to the
switching MOSFETs. The VD and VIN pins are available
for external input capacitors—CD and CINH—to form a
high-frequency π filter. As shown in the Simplified Block
Diagram, the ceramic capacitor CD on the LTM4653’s VD
pins handles the majority of the RMS current into the DC/
DC converter power stage and requires careful selection,
for that reason.
See Figures 4 to 6 for demonstration of LTM4653’s EMI
performance,meetingtheradiatedemissionsrequirements
of EN55022B.
The input capacitance, CD, is needed to filter the pulsed
current drawn by MT. To prevent excessive voltage sag
on VD, a low-effective series resistance (low-ESR, such
as an X7R ceramic) input capacitor should be used, sized
appropriately for the maximum CD RMS ripple current:
ICD(RMS) =
IOUT(MAX)
η%
• D • (1– D)
where η%istheestimatedefficiencyofthepowermodule.
(See Typical Performance Characteristics graphs.)
Several capacitors may be paralleled to meet the applica-
tion’s target size, height, and CDRMSripplecurrentrating.
For lower input voltage applications, sufficient bulk input
capacitance is needed to counteract line sag and transient
OPERATION
effects during output load changes. The bulk capacitor can
be a switcher-rated aluminum electrolytic capacitor or a
Polymer capacitor. Suggested values for CD and CINH are
found in Table 7.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM4653’s VIN,
SVIN,andVDpins.Aceramicinputcapacitorcombinedwith
trace or cable inductance forms a high Q (underdamped)
tank circuit. If the LTM4653 circuit is plugged into a live
supply, the input voltage can ring to twice its nominal
value, possibly exceeding the device’s rating. This situa-
tion is easily avoided; see the Hot-Plugging Safely section.
Output Capacitors
Output capacitors COUTH and COUTL are applied to VOUT of
theLTM4653.SufficientcapacitanceandlowESRarecalled
for, to meet the output voltage ripple, loop stability, and
transient requirements. COUTL can be a low ESR tantalum
or polymer capacitor. COUTH is a ceramic capacitor. The
typical output capacitance is 22μF (type X5R material, or
better), if ceramic-only output capacitors are used.
Table 7 shows a matrix of suggested output capacitors
optimized for 2A transient step-loads applied at 2A/μs.
Additional output filtering may be required by the system
designer, if further reduction of output ripple or dynamic
transient spike is required. The LTpowerCAD design tool is
availablefortransientandstabilityanalysis.Stabilitycriteria
are considered in the Table 7 matrix, and LTpowerCAD is
available for stability analysis. Multiphase operation will
reduce effective output ripple as a function of the num-
ber of phases. Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully as
afunctionofstabilityandtransientresponse.LTpowerCAD
can be used to calculate the output ripple reduction as the
number of implemented phases increases by N times.
External loop compensation can be applied to COMPa if
needed, for transient response optimization.
Forced Continuous Operation
LeavetheCLKINpinopencircuittocommandtheLTM4653
for forced continuous operation. In this mode, the control
loop is allowed to command the inductor peak current to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com