Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 24Page - Linear Technology LTM8049 Datasheet HTML 25Page - Linear Technology LTM8049 Datasheet HTML 26Page - Linear Technology LTM8049 Datasheet HTML 27Page - Linear Technology LTM8049 Datasheet HTML 28Page - Linear Technology LTM8049 Datasheet HTML 29Page - Linear Technology LTM8049 Datasheet HTML 30Page - Linear Technology LTM8049 Datasheet HTML 31Page - Linear Technology LTM8049 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTM4653
30
Rev 0
For more information www.analog.com
PACKAGE DESCRIPTION
Table 9. LTM4653 Component BGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VIN
B1
CLKIN
C1
IMONb
D1
PGOOD
E1
COMPb
F1
ISETb
A2
VIN
B2
NC
C2
IMONa
D2
PGDFB
E2
COMPa
F2
ISETa
A3
VIN
B3
VIN
C3
SVIN
D3
VINREG
E3
fSET
F3
EXTVCC
A4
VD
B4
VD
C4
VD
D4
GND
E4
SGND
F4
RUN
A5
PGND
B5
PGND
C5
PGND
D5
PGND
E5
PGND
F5
PGND
A6
NC
B6
NC
C6
NC
D6
NC
E6
NC
F6
NC
A7
NC
B7
NC
C7
NC
D7
NC
E7
NC
F7
NC
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
VOSNS
H1
VOSNS
J1
TEMP+
K1
VOUT
L1
VOUT
G2
SGND
H2
SGND
J2
TEMP–
K2
VOUT
L2
VOUT
G3
INTVCC
H3
PGND
J3
PGND
K3
VOUT
L3
VOUT
G4
PGND
H4
SW
J4
PGND
K4
PGND
L4
PGND
G5
PGND
H5
PGND
J5
PGND
K5
PGND
L5
PGND
G6
NC
H6
NC
J6
TEMP+
K6
NC
L6
NC
G7
NC
H7
NC
J7
TEMP–
K7
NC
L7
NC
PACKAGE PHOTOGRAPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com