Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology LTM8049 Datasheet HTML 17Page - Linear Technology LTM8049 Datasheet HTML 18Page - Linear Technology LTM8049 Datasheet HTML 19Page - Linear Technology LTM8049 Datasheet HTML 20Page - Linear Technology LTM8049 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTM4653
17
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypasscapacitors(CDandCINH)oftheLTM4653.However,
these capacitors can cause problems if the LTM4653 is
plugged into a live supply (see Linear Technology Ap-
plication Note 88 for a complete discussion). The low
loss ceramic capacitor combined with stray inductance
in series with the power source forms an under damped
tank circuit, and the voltage at the VIN pin of the LTM4653
can ring to twice the nominal input voltage, possibly ex-
ceeding the LTM4653’s rating and damaging the part. If
the input supply is poorly controlled or the user will be
plugging the LTM4653 into an energized supply, the input
network should be designed to prevent this overshoot by
introducing a damping element into the path of current
flow. This is often done by adding an inexpensive elec-
trolytic bulk capacitor (CINL) across the input terminals
of the LTM4653. The selection criteria for CINL calls for:
an ESR high enough to damp the ringing; a capacitance
value several times larger than CINH. CINL does not need
to be located physically close to the LTM4653; it should
be located close to the application board’s input connec-
tor, instead.
INTVCC and EXTVCC Connection
When RUN is logic high, an internal low dropout regula-
tor regulates an internal supply, INTVCC, that powers the
control circuitry for driving LTM4653’s internal MOSFETs.
INTVCCisregulatedat3.3V.Inthismanner,theLTM4653’s
INTVCC is directly powered from SVIN, by default. The gate
driver current through the LDO is about 20mA for a typical
1MHz application. The internal LDO power dissipation can
be calculated as:
PLDO_LOSS(INTVCC) = 20mA •(SVIN – 3V)
The LDO draws current off of EXTVCC instead of SVIN
when EXTVCC is higher than 3.2V and SVIN is above 5V.
For output voltages of 4V and higher, EXTVCC can be con-
nected to VOUTthroughanRC-filter.WhentheinternalLDO
derives power from EXTVCC instead of SVIN, the internal
LDO power dissipation is:
PLDO_LOSS(EXTVCC) = 20mA •(VOUT − 3V)
The recommended value of the resistor between VOUT and
EXTVCC is roughly VOUT • 4Ω/V. This resistor, REXTVCC,
must be rated to continually dissipate (0.02A)² • REXTVCC.
The primary purpose of this resistor is to prevent EXTVCC
overstress under a fault condition. For example, when an
inductive short-circuit is applied to the module’s output,
VOUT may be briefly dragged below PGND—forward bias-
ing the PGND-to-EXTVCC body diode. This resistor limits
the magnitude of current flow in EXTVCC. Bypass EXTVCC
with 1μF of X5R (or better) MLCC.
Multiphase Operation
Multiple LTM4653 devices can be paralleled for higher
output current applications. For lowest input and output
voltage and current ripples, it is advisable to synchronize
paralleled LTM4653s to an external clock (within ±40%
of the target switching frequency set by fSET—see Test
Circuit 1). See Figure 32 for an example of a synchroniz-
ing circuit.
LTM4653modulescanbeparalleledwithoutsynchronizing
circuits: just be aware that some beat-frequency ripple will
be present in the output voltage and reflected input current
by virtue of the fact that such modules are not operating
at identical, synchronized switching frequencies.
The LTM4653 device is an inherently current mode con-
trolled device, so parallel modules will have good current
sharing’s shown in Figure  33. This helps balance the
thermals on the design.
To parallel LTM4653s, connect the respective COMPa,
ISETa, and VOSNS pins of each LTM4653 together to share
the current evenly. In addition, tie the respective RUN
pins of paralleled LTM4653 devices together, to ensure
proper start-up and shutdown behavior. Figure 32 shows
a schematic of LTM4653 devices operating in parallel.
Note that for parallel applications, VOUT can be set by a
single, common resistor on the ISETa net:
RISET =
VOUT
50µA •N
where N is the number of LTM4653 modules in parallel
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com