Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 92 Page - Linear Technology

Part # LTC3880
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 92 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 88Page - Linear Technology LTC3880 Datasheet HTML 89Page - Linear Technology LTC3880 Datasheet HTML 90Page - Linear Technology LTC3880 Datasheet HTML 91Page - Linear Technology LTC3880 Datasheet HTML 92Page - Linear Technology LTC3880 Datasheet HTML 93Page - Linear Technology LTC3880 Datasheet HTML 94Page - Linear Technology LTC3880 Datasheet HTML 95Page - Linear Technology LTC3880 Datasheet HTML 96Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 136 page
background image
LTM4676A
92
4676afa
For more information www.linear.com/LTM4676A
appenDix c: pMbus coMManD DeTails
MFR_PWM_CONFIG
The MFR_PWM_CONFIG command sets the switching frequency phase offset with respect to the falling edge of the
SYNC signal. The part must be in the OFF state to process this command. Either the RUN pins must be low or the part
must be commanded off. If the part is in the RUN state and this command is written, the command will be ignored and
a BUSY fault will be asserted. Bit 7 allows remote differential voltage sensing for PolyPhase rail applications.
BIT
MEANING
7
EA Connection
0 – Independent EA and Channel Outputs
1 – EA1 uses EA0 input for PolyPhase operation
6
Reserved.
5
Reserved
4
Share Clock Enable : If this bit is 1, the
SHARE_CLK pin will not be released until
SVIN > VIN_ON. The SHARE_CLK pin will be
pulled low when SVIN < VIN_OFF. If this bit is 0, the SHARE_CLK
pin will not be pulled low when SVIN < VIN_OFF except for the
initial application of SVIN.
3
Reserved
BIT [2:0]
CHANNEL 0 (DEGREES)
CHANNEL 1 (DEGREES)
000b
0
180
001b
90
270
010b
0
240
011b
0
120
100b
120
240
101b
60
240
110b
120
300
Do not assert Bit [7] unless it is a PolyPhase application and both VOUT pins are tied together and both COMPna pins
are tied together.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com