Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3880
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 4 Page - Linear Technology

  LTC3880 Datasheet HTML 1Page - Linear Technology LTC3880 Datasheet HTML 2Page - Linear Technology LTC3880 Datasheet HTML 3Page - Linear Technology LTC3880 Datasheet HTML 4Page - Linear Technology LTC3880 Datasheet HTML 5Page - Linear Technology LTC3880 Datasheet HTML 6Page - Linear Technology LTC3880 Datasheet HTML 7Page - Linear Technology LTC3880 Datasheet HTML 8Page - Linear Technology LTC3880 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
LTM4676A
4
4676afa
For more information www.linear.com/LTM4676A
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 5V,
FREQUENCY_SWITCH = 500kHz and VOUTn commanded to 1.000V unless otherwise noted. Configured with factory-default EEPROM
settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
Test Circuit 1
Test Circuit 2; VIN_OFF < VIN_ON = 4.25V
l
l
5.75
4.5
26.5
5.75
V
V
VOUTn
Range of Output Voltage
Regulation
VOUT0 Differentially Sensed on VOSNS0+/VOSNS0– Pin-Pair;
VOUT1 Differentially Sensed on VOSNS1/SGND Pin-Pair;
Commanded by Serial Bus or with Resistors Present at Start-Up on
VOUTnCFG and/or VTRIMnCFG
l
l
0.5
0.5
5.5
5.5
V
V
VOUTn(DC)
Output Voltage, Total
Variation with Line and
Load
(Note 5)
VOUTn Low Range (MFR_PWM_MODEn[1] = 1b),
FREQUENCY_SWITCH = 250kHz
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
l
0.995
0.985
1.000
1.000
1.005
1.015
V
V
Input Specifications
IINRUSH(VIN)
Input Inrush Current at
Start-Up
Test Circuit 1, VOUTn  = 1V, VIN = 12V; No Load Besides Capacitors;
TON_RISEn = 3ms
400
mA
IQ(SVIN)
Input Supply Bias Current Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
RUNn = 5V, RUN1-n = 0V
Shutdown, RUN0 = RUN1 = 0V
40
20
mA
mA
IS(VINn,PSM)
Input Supply Current in
Pulse-Skipping Mode
Operation
Pulse-Skipping Mode, MFR_PWM_MODEn[0] = 0b,
IOUTn = 100mA
20
mA
IS(VINn,FCM)
Input Supply Current in
Forced-Continuous Mode
Operation
Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
IOUTn = 100mA
IOUTn = 13A
40
1.37
mA
A
IS(VINn,SHUTDOWN) Input Supply Current in
Shutdown
Shutdown, RUNn = 0V
50
µA
Output Specifications
IOUTn
Output Continuous
Current Range
(Note 6)
0
13
A
∆VOUTn(LINE)
VOUTn
Line Regulation Accuracy Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
SVIN and VINn Electrically Shorted Together and INTVCC Open Circuit;
IOUTn = 0A, 5.75V ≤ VIN ≤ 26.5V, VOUT Low Range
(MFR_PWM_MODEn[1] = 1b) FREQUENCY_SWITCH = 250kHz
(Referenced to 12VIN) (Note 5)
l
0.03
0.03
±0.2
%
%/V
∆VOUTn(LOAD)
VOUTn
Load Regulation
Accuracy
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
0A ≤ IOUTn ≤ 13A, VOUT Low Range, (MFR_PWM_MODEn[1] = 1b)
FREQUENCY_SWITCH = 250kHz (Note 5)
l
0.03
0.2
0.5
%
%
VOUTn(AC)
Output Voltage Ripple
10
mVP-P
fS (Each Channel) VOUTn Ripple Frequency
FREQUENCY_SWITCH Set to 500kHz (0xFBE8)
l
462.5
500
537.5
kHz
∆VOUTn(START)
Turn-On Overshoot
TON_RISEn = 3ms (Note 12)
8
mV
tSTART
Turn-On Start-Up Time
Time from VIN Toggling from 0V to 12V to Rising Edge of GPIOn.
TON_DELAYn = 0ms, TON_RISEn = 3ms,
MFR_GPIO_PROPAGATEn = 0x0100,
MFR_GPIO_RESPONSEn = 0x0000
l
35
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com