Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC3880
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 45Page - Linear Technology LTC3880 Datasheet HTML 46Page - Linear Technology LTC3880 Datasheet HTML 47Page - Linear Technology LTC3880 Datasheet HTML 48Page - Linear Technology LTC3880 Datasheet HTML 49Page - Linear Technology LTC3880 Datasheet HTML 50Page - Linear Technology LTC3880 Datasheet HTML 51Page - Linear Technology LTC3880 Datasheet HTML 52Page - Linear Technology LTC3880 Datasheet HTML 53Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
LTM4676A
49
4676afa
For more information www.linear.com/LTM4676A
applicaTions inForMaTion
Table 4. FSWPHCFG Pin Strapping Look-Up Table to Set the LTM4676A's Switching Frequency and Channel Phase-Interleaving
Angle (Not Applicable if MFR_CONFIG_ALL[6] = 1b)
RFSWPHCFG*
(kΩ)
SWITCHING
FREQUENCY (kHz)
θSYNC TO θ0
θSYNC TO θ1
bits [2:0] of
MFR_PWM_CONFIG
bit [4] of
MFR_CONFIG_ALL
Open
NVM; LTM4676A
Default = 500
NVM; LTM4676A
Default = 0°
NVM; LTM4676A
Default = 180°
NVM; LTM4676A
Default = 000b
NVM; LTM4676A
Default = 0b
32.4
250
0°
180°
000b
0b
22.6
350
0°
180°
000b
0b
18.0
425
0°
180°
000b
0b
15.4
575
0°
180°
000b
0b
12.7
650
0°
180°
000b
0b
10.7
750
0°
180°
000b
0b
9.09
1000
0°
180°
000b
0b
7.68
500
120°
240°
100b
0b
6.34
500
90°
270°
001b
0b
5.23
Sync Slave**
0°
240°
010b
1b
4.22
Sync Slave**
0°
120°
011b
1b
3.24
Sync Slave**
60°
240°
101b
1b
2.43
Sync Slave**
120°
300°
110b
1b
1.65
Sync Slave**
90°
270°
001b
1b
0.787
Sync Slave**
0°
180°
000b
1b
0
Sync Slave**
120°
240°
100b
1b
*RFSWPHCFG value indicated is nominal. Select RFSWPHCFG from a resistor vendor such that its value is always within 3% of the value indicated in
the table. Take into account resistor initial tolerance, T.C.R. and resistor operating temperatures, soldering heat/IR reflow, and endurance of the
resistor over its lifetime. Thermal shock/cycling, moisture (humidity) and other effects (depending on one’s specific application) could also affect
RFSWPHCFG’s value over time. All such effects must be taken into account in order for resistor pin-strapping to yield the expected result at every
SVIN power-up and/or every execution of MFR_RESET or RESTORE_USER_ALL, over the lifetime of one’s product.
**The “Sync Slave” setting results in MFR_CONFIG_ALL[4] being set to 1b and FREQUENCY_SWITCH being set according to user-configurable
EEPROM contents corresponding to Command 0x33 (factory default: 500kHz). In this configuration, the module’s switching frequency
synchronizes to the SYNC signal, provided that the SYNC pin is driven in a manner consistent with specifications (see Switching Frequency and
Phase subsection of the Applications Information section for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com