Electronic Components Datasheet Search
  English  ▼

X  

LT3795 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3795
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3795 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3795 Datasheet HTML 15Page - Linear Technology LT3795 Datasheet HTML 16Page - Linear Technology LT3795 Datasheet HTML 17Page - Linear Technology LT3795 Datasheet HTML 18Page - Linear Technology LT3795 Datasheet HTML 19Page - Linear Technology LT3795 Datasheet HTML 20Page - Linear Technology LT3795 Datasheet HTML 21Page - Linear Technology LT3795 Datasheet HTML 22Page - Linear Technology LT3795 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTM8005
19
8005f
For more information www.linear.com/LTM8005
APPLICATIONS INFORMATION
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of the LTM8005. However, these capaci-
tors can cause problems if the LTM8005 is plugged into
a live supply (see Analog Devices Application Note 88
for a complete discussion). The low loss ceramic capaci-
tor combined with stray inductance in series with the
power source forms an underdamped tank circuit, and
the voltage at the VIN pin of the LTM8005 can ring to
more than twice the nominal input voltage, possibly
exceeding the LTM8005’s rating and damaging the part.
If the input supply is poorly controlled or the LTM8005 is
hot-plugged into an energized supply, the input network
should be designed to prevent this overshoot. This can
be accomplished by installing a small resistor in series
to VIN, but the most popular method of controlling input
voltage overshoot is to add an electrolytic bulk cap to the
VIN net. This capacitor’s relatively high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripple filtering and can slightly improve the efficiency of
the circuit, though it is likely to be the largest component
in the circuit.
Thermal Considerations
The LTM8005 output current may need to be derated if
it is required to operate in a high ambient temperature or
deliver a large amount of continuous power. The amount
of current derating is dependent upon the input voltage,
output power and ambient temperature.
It is incumbent upon the user to verify proper operation
over the intended system’s line, load and environmental
operating conditions.
The thermal resistance numbers listed in Page 2 of the
data sheet are based on modeling the µModule package
mounted on a test board specified per JESD51-9 (“Test
Boards for Area Array Surface Mount Package Thermal
Measurements”). The thermal coefficients provided in this
page are based on JESD 51-12 (“Guidelines for Reporting
and Using Electronic Package Thermal Information”).
For increased accuracy and fidelity to the actual applica-
tion, many designers use FEA to predict thermal perfor-
mance. To that end, Page 2 of the data sheet typically
gives four thermal coefficients:
JA – Thermal resistance from junction to ambient
JCBOTTOM – Thermal resistance from junction to the bot-
tom of the product case
JCTOP – Thermal resistance from junction to top of the
product case
JB – Thermal resistance from junction to the printed cir-
cuit board.
While the meaning of each of these coefficients may seem
to be intuitive, JEDEC has defined each to avoid confusion
and inconsistency. These definitions are given in JESD
51-12, and are quoted or paraphrased below:
JA is the natural convection junction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD 51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
JCBOTTOM is the thermal resistance between the
junction and bottom of the package with all of the
component power dissipation flowing through the
bottom of the package. In the typical µModule con-
verter, the bulk of the heat flows out the bottom of
the package, but there is always heat flow out into
the ambient environment. As a result, this thermal
resistance value may be useful for comparing pack-
ages but the test conditions don’t generally match the
user’s application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com